Electronic Components Datasheet Search
  English  ▼

X  

MP4864A Datasheet(PDF) 6 Page - MPS Industries, Inc.

Part # MP4864A
Description  64-Channel, High-Voltage, SPST Analog Switch with Output Bleed Resistors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP4864A Datasheet(HTML) 6 Page - MPS Industries, Inc.

Back Button MP4864A Datasheet HTML 2Page - MPS Industries, Inc. MP4864A Datasheet HTML 3Page - MPS Industries, Inc. MP4864A Datasheet HTML 4Page - MPS Industries, Inc. MP4864A Datasheet HTML 5Page - MPS Industries, Inc. MP4864A Datasheet HTML 6Page - MPS Industries, Inc. MP4864A Datasheet HTML 7Page - MPS Industries, Inc. MP4864A Datasheet HTML 8Page - MPS Industries, Inc. MP4864A Datasheet HTML 9Page - MPS Industries, Inc. MP4864A Datasheet HTML 10Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
MP4864A
– 64-CHANNEL, HIGH-VOLTAGE, SPST ANALOG SWITCH
MP4864A Rev. 1.0
MonolithicPower.com
6
10/20/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
PIN FUNCTIONS (continued)
Pin #
Name
Description
N12
SWIN53
Analog switch input 53. Connect SWIN53 to the high-voltage pulse/transmitter.
N13
SWIN52
Analog switch input 52. Connect SWIN52 to the high-voltage pulse/transmitter.
N14
SWOUT19 Analog switch output 19. Connect SWOUT19 to the piezoelectric transducer.
P1
GND
Device ground.
P2
SWIN62
Analog switch input 62. Connect SWIN62 to the high-voltage pulse/transmitter.
P3
SWOUT28 Analog switch output 28. Connect SWOUT28 to the piezoelectric transducer.
P4
SWIN28
Analog switch input 28. Connect SWIN28 to the high-voltage pulse/transmitter.
P5
SWOUT26 Analog switch output 26. Connect SWOUT26 to the piezoelectric transducer.
P6
SWIN26
Analog switch input 26. Connect SWIN26 to the high-voltage pulse/transmitter.
P7
SWOUT24 Analog switch output 24. Connect SWOUT24 to the piezoelectric transducer.
P8
SWIN24
Analog switch input 24. Connect SWIN24 to the high-voltage pulse/transmitter.
P9
SWOUT22 Analog switch output 22. Connect SWOUT22 to the piezoelectric transducer.
P10
SWIN22
Analog switch input 22. Connect SWIN22 to the high-voltage pulse/transmitter.
P11
SWOUT21 Analog switch output 21. Connect SWOUT21 to the piezoelectric transducer.
P12
SWIN21
Analog switch input 21. Connect SWIN21 to the high-voltage pulse/transmitter.
P13
SWOUT52 Analog switch output 52. Connect SWOUT52 to the piezoelectric transducer.
P14
GND
Device ground.
ABSOLUTE MAXIMUM RATINGS (1)
Logic supply voltage (VLL) ........... -0.5V to +6.6V
Translator supply voltage (VDD) .... -0.5V to +16V
Analog signal range (VSIG) ............. 0V to ±105V
Junction temperature ............................... 150°C
Lead temperature .................................... 260°C
Continuous power dissipation (TA = 25°C) (2)
………………………………………………...4.8W
Storage temperature ................ -55°C to +150°C
ESD Ratings
Human body model (HBM) ......JEDEC standard
Charged device model (CDM)..JEDEC standard
All pins ................................................... Class 3
SWOUTx .............................................Class 1B
SWINx .................................................Class 1C
Other pins .............................................. Class 2
Recommended Operating Conditions (3)
Logic supply voltage (VLL) .............. 2.7V to 5.5V
Translator supply voltage (VDD) ........ 10V to 14V
Analog signal range (VSIG) ..................0 to ±90V
Junction temperature (TJ) ........ -25°C to +125°C
Thermal Resistance (4)
θJA
θJC
BGA-144 (10mmx10mm)
21
4
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX) - TA) / θJA. Exceeding the maximum allowable power
dissipation can cause excessive die temperature, which may
result in permanent damage to the part.
3) The device is not guaranteed to function outside of its operating
conditions.
4) Measured on JESD51-9, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com