Electronic Components Datasheet Search
  English  ▼

X  

MP4864A Datasheet(PDF) 5 Page - MPS Industries, Inc.

Part # MP4864A
Description  64-Channel, High-Voltage, SPST Analog Switch with Output Bleed Resistors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP4864A Datasheet(HTML) 5 Page - MPS Industries, Inc.

  MP4864A Datasheet HTML 1Page - MPS Industries, Inc. MP4864A Datasheet HTML 2Page - MPS Industries, Inc. MP4864A Datasheet HTML 3Page - MPS Industries, Inc. MP4864A Datasheet HTML 4Page - MPS Industries, Inc. MP4864A Datasheet HTML 5Page - MPS Industries, Inc. MP4864A Datasheet HTML 6Page - MPS Industries, Inc. MP4864A Datasheet HTML 7Page - MPS Industries, Inc. MP4864A Datasheet HTML 8Page - MPS Industries, Inc. MP4864A Datasheet HTML 9Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
MP4864A
– 64-CHANNEL, HIGH-VOLTAGE, SPST ANALOG SWITCH
MP4864A Rev. 1.0
MonolithicPower.com
5
10/20/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
PIN FUNCTIONS (continued)
Pin #
Name
Description
J5
GND
Device ground.
J10
SWOUT50 Analog switch output 50. Connect SWOUT50 to the piezoelectric transducer.
J11
SWOUT49 Analog switch output 49. Connect SWOUT49 to the piezoelectric transducer.
J13
SWIN20
Analog switch input 20. Connect SWIN20 to the high-voltage pulse/transmitter.
J14
SWOUT16 Analog switch output 16. Connect SWOUT16 to the piezoelectric transducer.
K1
SWOUT31 Analog switch output 31. Connect SWOUT31 to the piezoelectric transducer.
K2
DOUT
Logic output. DOUT is the data output from the 64-bit serial shift register.
K4
SWOUT61 Analog switch output 61. Connect SWOUT61 to the piezoelectric transducer.
K5
SWIN61
Analog switch input 61. Connect SWIN61 to the high-voltage pulse/transmitter.
K6
SWOUT59 Analog switch output 59. Connect SWOUT59 to the piezoelectric transducer.
K7
SWIN59
Analog switch input 59. Connect SWIN59 to the high-voltage pulse/transmitter.
K8
SWOUT57 Analog switch output 57. Connect SWOUT57 to the piezoelectric transducer.
K9
SWIN57
Analog switch input 57. Connect SWIN57 to the high-voltage pulse/transmitter.
K10
SWOUT55 Analog switch output 55. Connect SWOUT55 to the piezoelectric transducer.
K11
SWIN55
Analog switch input 55. Connect SWIN55 to the high-voltage pulse/transmitter.
K13
SWOUT20 Analog switch output 20. Connect SWOUT20 to the piezoelectric transducer.
K14
SWIN18
Analog switch input 18. Connect SWIN18 to the high-voltage pulse/transmitter.
L1
SWIN31
Analog switch input 31. Connect SWIN31 to the high-voltage pulse/transmitter.
L2
SWOUT63 Analog switch output 63. Connect SWOUt63 to the piezoelectric transducer.
L4
SWOUT60 Analog switch output 60. Connect SWOUT60 to the piezoelectric transducer.
L5
SWIN60
Analog switch input 60. Connect SWIN60 to the high-voltage pulse/transmitter.
L6
SWOUT58 Analog switch output 58. Connect SWOUT58 to the piezoelectric transducer.
L7
SWIN58
Analog switch input 58. Connect SWIN58 to the high-voltage pulse/transmitter.
L8
SWOUT56 Analog switch output 56. Connect SWOUT56 to the piezoelectric transducer.
L9
SWIN56
Analog switch input 56. Connect SWIN56 to the high-voltage pulse/transmitter.
L10
SWOUT54 Analog switch output 54. Connect SWOUT54 to the piezoelectric transducer.
L11
SWIN54
Analog switch input 54. Connect SWIN54 to the high-voltage pulse/transmitter.
L13
SWIN51
Analog switch input 51. Connect SWIN51 to the high-voltage pulse/transmitter.
L14
SWOUT18 Analog switch output 18. Connect SWOUT18 to the piezoelectric transducer.
M1
SWOUT30 Analog switch output 30. Connect SWOUT30 to the piezoelectric transducer.
M2
SWIN63
Analog switch input 63. Connect SWIN63 to the high-voltage pulse/transmitter.
M13
SWOUT51 Analog switch output 51. Connect SWOUT51 to the piezoelectric transducer.
M14
SWIN19
Analog switch input 19. Connect SWIN19 to the high-voltage pulse/transmitter.
N1
SWIN30
Analog switch input 30. Connect SWIN30 to the high-voltage pulse/transmitter.
N2
SWOUT62 Analog switch output 62. Connect SWOUT62 to the piezoelectric transducer.
N3
SWOUT29 Analog switch output 29. Connect SWOUT29 to the piezoelectric transducer.
N4
SWIN29
Analog switch input 29. Connect SWIN29 to the high-voltage pulse/transmitter.
N5
SWOUT27 Analog switch output 27. Connect SWOUT27 to the piezoelectric transducer.
N6
SWIN27
Analog switch input 27. Connect SWIN27 to the high-voltage pulse/transmitter.
N7
SWOUT25 Analog switch output 25. Connect SWOUT25 to the piezoelectric transducer.
N8
SWIN25
Analog switch input 25. Connect SWIN25 to the high-voltage pulse/transmitter.
N9
SWOUT23 Analog switch output 23. Connect SWOUT23 to the piezoelectric transducer.
N10
SWIN23
Analog switch input 23. Connect SWIN23 to the high-voltage pulse/transmitter.
N11
SWOUT53 Analog switch output 53. Connect SWOUT53 to the piezoelectric transducer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com