Electronic Components Datasheet Search
  English  ▼

X  

MP4864A Datasheet(PDF) 12 Page - MPS Industries, Inc.

Part # MP4864A
Description  64-Channel, High-Voltage, SPST Analog Switch with Output Bleed Resistors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP4864A Datasheet(HTML) 12 Page - MPS Industries, Inc.

Back Button MP4864A Datasheet HTML 8Page - MPS Industries, Inc. MP4864A Datasheet HTML 9Page - MPS Industries, Inc. MP4864A Datasheet HTML 10Page - MPS Industries, Inc. MP4864A Datasheet HTML 11Page - MPS Industries, Inc. MP4864A Datasheet HTML 12Page - MPS Industries, Inc. MP4864A Datasheet HTML 13Page - MPS Industries, Inc. MP4864A Datasheet HTML 14Page - MPS Industries, Inc. MP4864A Datasheet HTML 15Page - MPS Industries, Inc. MP4864A Datasheet HTML 16Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
MP4864A
– 64-CHANNEL, HIGH-VOLTAGE, SPST ANALOG SWITCH
MP4864A Rev. 1.0
MonolithicPower.com
12
10/20/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
TEST CIRCUITS
VLL
ISIG = ±5mA to ±200mA
GND
VDD
ISIG
RON
SWOUT
SWIN
RGND
RON =
ISIG
V
SWIN
VSWIN
Figure 2: Test Circuit 1
VLL
ISIG = 0A to ± 1A
tPW
500ns
Duty Cycle
GND
VDD
ISIG
Large Signal RON-L
SWOUT
SWIN
RGND
R ON-L =
ISIG
VSWIN
Figure 3: Test Circuit 2
Switch On/Off DC Offset
VLL
GND
VDD
VOUT
SWOUT
SWIN
RGND
Figure 4: Test Circuit 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com