Electronic Components Datasheet Search
  English  ▼

X  

MP4864A Datasheet(PDF) 18 Page - MPS Industries, Inc.

Part # MP4864A
Description  64-Channel, High-Voltage, SPST Analog Switch with Output Bleed Resistors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP4864A Datasheet(HTML) 18 Page - MPS Industries, Inc.

Back Button MP4864A Datasheet HTML 14Page - MPS Industries, Inc. MP4864A Datasheet HTML 15Page - MPS Industries, Inc. MP4864A Datasheet HTML 16Page - MPS Industries, Inc. MP4864A Datasheet HTML 17Page - MPS Industries, Inc. MP4864A Datasheet HTML 18Page - MPS Industries, Inc. MP4864A Datasheet HTML 19Page - MPS Industries, Inc. MP4864A Datasheet HTML 20Page - MPS Industries, Inc. MP4864A Datasheet HTML 21Page - MPS Industries, Inc. MP4864A Datasheet HTML 22Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
MP4864A
– 64-CHANNEL, HIGH-VOLTAGE, SPST ANALOG SWITCH
MP4864A Rev. 1.0
MonolithicPower.com
18
10/20/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
Figure 16 shows where the MP4864A analog
switches reside in an ultrasound system. A 1:3
multiplexing configuration is depicted as an
example. Multiplexing configurations can range
from 1:2 to 1:8 and higher. 1:8 and higher ratios
have slower image frame rates and/or lower
quality images, which are generally employed for
the lower-end, lower-cost ultrasound market.
The MP4864A can be used in any ratio.
The main advantage of using the MP4864A is to
simplify the transmitter and receiver circuitry.
Without any analog switches, the ultrasound
console requires 192 transmitters and receivers
to drive an ultrasound probe with 192 PZT
elements.
With
analog
switches,
only
64
transmitters and receivers are required. This
reduction saves board space, power, and cost,
as the transmitter and receiver circuitry can be
quite complex. These benefits are especially
important for portable ultrasound systems in
which space, battery life, and weight are all at a
premium.
SWIN-0
PZT-0
SWIN-1
PZT-64
SWIN-2
SWIN-189
SWIN-190
SWIN-191
Tx
Rx
T/R
SW
Tx-0
Tx
Rx
T/R
SW
Tx-63
Ultrasound Probe
Ultrasound Console
192 Coaxial Cables
PZT-63
PZT-128
PZT-127
PZT-191
Figure 16: MP4864A in the Console



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com