Electronic Components Datasheet Search
  English  ▼

X  

IMX8ULPCEC Datasheet(PDF) 2 Page - NXP Semiconductors

Part # IMX8ULPCEC
Description  i.MX 8ULP Applications Processor-Commercial Products
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8ULPCEC Datasheet(HTML) 2 Page - NXP Semiconductors

  IMX8ULPCEC Datasheet HTML 1Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 2Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 3Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 4Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 5Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 6Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 7Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 8Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 105 page
background image
Table 1. i.MX 8ULP features (continued)
Feature type
Application processor domain Real-time processor domain
External memory interfaces
FlexSPI Serial flash interface
to quad/octalSPI flash device
Dual FlexSPI Serial flash interface to quad/
octalSPI flash device
3 eMMC/SD host interfaces
supporting eMMC5.1 and
SD3.0
—
32-bit LPDDR3, LPDDR4,
LPDDR4x
Security
Cryptographic acceleration
supporting
• symmetric and
asymmetric ciphering
algorithms
• SHA-256 hashing
algorithm
EdgeLock secure enclave (ELke) as Root of
Trust (RoT)
• Core supporting up-to 216 MHz
• Dedicated boot ROM with Advanced High
Assurance boot (AHAB)
• ECDSA P256 based signature verification
• Support for symmetric Cryptographic
acceleration (SGI)
• Support for Asymmetric Cryptographic
acceleration (PKC)
• NIST compliant RNG with DRGB
• One-Time Programmable electrical fuse
used for security keys
NIST-approved random
number generator
On-The-Fly decryption of the encrypted code
stored in external flash device
32 KB secure RAM
—
Communication, Timer, and Analog
peripherals
• Dual High speed USB
OTG port with integrated
PHY
—
4x UART ports
4x UART ports
2x SPI ports
4x SPI ports
4x I2C ports
4x I2C ports
I3C port
2x I3C ports
2x I2S ports
4x I2S ports
-
FlexCAN
-
FlexIO
1 x Ethernet 10/100-
Mbit/s, compliant with the
IEEE802.3-2002 standard.
-
Secure and non-secure
Watchdog timers
Secure and non-secure Watchdog timer for
CM33. Watchdog timer for the Fusion DSP
Table continues on the next page...
NXP Semiconductors
i.MX 8ULP Applications Processor—Commercial Products, Rev. 1, 09/2023
Data Sheet: Technical Data
2 / 105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com