Electronic Components Datasheet Search
  English  ▼

X  

IMX8ULPCEC Datasheet(PDF) 97 Page - NXP Semiconductors

Part # IMX8ULPCEC
Description  i.MX 8ULP Applications Processor-Commercial Products
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8ULPCEC Datasheet(HTML) 97 Page - NXP Semiconductors

Back Button IMX8ULPCEC Datasheet HTML 93Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 94Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 95Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 96Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 97Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 98Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 99Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 100Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 101Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 105 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
A
VSS
PTE20
PTE15
PTE8
PTE3
PTE0
PTD18
PTD14
PTD10
PTD6
CSI_CLK_N
PTD0
DSI_DATA1
_N
DDR_DQ18
DDR_DQ19
VSS
A
B
PTE22
PTE23
PTE19
PTE16
PTE13
PTE11
PTE5
PTE1
PTD23
PTD19
PTD15
PTD13
PTD8
CSI_DATA1
_P
CSI_DATA1
_N
CSI_CLK_P
CSI_DATA0
_P
CSI_DATA0
_N
DSI_DATA1
_P
DDR_DM2
DDR_DQS2
_P
DDR_DQS2
_N
DDR_DQ23 B
C
PTF7
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
DDR_DQ21
C
D
PTF9
PTF2
VSS
PTE21
PTE18
PTE17
PTE9
PTE4
PTE2
PTD20
PTD16
PTD12
PTD9
PTD7
PTD5
PTD1
DSI_DATA3
_N
DSI_DATA3
_P
DDR_DQ16 DDR_DQ17 DDR_DQ20 VSS
DDR_DQ22 DDR_DQ26 D
E
PTF0
PTE14
PTE10
PTE7
PTD21
PTD17
PTD11
PTD4
PTD2
DSI_CLK_N
DSI_DATA0
_N
DSI_DATA2
_N
DDR_DQ24
E
F
PTF13
PTF10
VSS
PTF5
PTF3
PTE12
PTE6
PTD22
VDD_PTE
VDD_CSI18
PTD3
DSI_CLK_P
DSI_DATA0
_P
DSI_DATA2
_P
DDR_DQ25
VSS
DDR_DM3 DDR_DQ27 F
G
PTF11
VDD18_IOR
EF_2
VDD18_IOR
EF_2
VDD_PTE VDD_PTE
VSS
VDD_CSI11 VDD_DSI18
VSS
VDDQX_DD
R
DDR_DQS3
_P
G
H
PTF15
PTF16
VSS
PTF8
PTF6
PTF1
VDD_PTF
VSS
VSS
VSS
VSS
VSS
VSS
VDD_DSI18
VDDQ_DDR VDDQ_DDR DDR_DTO1 DDR_DQ28VSS
DDR_DQS3
_N
DDR_DQ29 H
J
PTF12
PTF14
PTF4
VDD_PTF
VSS
VDDQX_DD
R
VSS
VDDQ_DDR DDR_DTO0 DDR_DQ30
J
K
PTF19
PTF17
VSS
PTF18
VSS
VSS
VDD_PTE VDD_PTD VDD_PTD VDD_PTD VDD_PTD VDD_DSI11 VDD_DSI11 VSS
VSS
DDR_DQ31
VSS
DDR_PLL_T
EST_N
DDR_PLL_T
EST_P
K
L
PTF21
VSS
VDD_DIG1
VDD_DIG1
VDD_DIG1
VDD_DSI11
VSS
DDR_CS0_
A_B
L
M
PTF25
PTF23
VSS
PTF22
PTF24
PTF20
VDD_PTF
VSS
VDD_DIG1 VDD_DIG1
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VDD_DIG2 VDD_DIG2
VDDQX_DD
R
VSS
VDDQ_DDR DDR_ZQ
DDR_CS1_
A_B
VSS
DDR_CS0_
B_B
DDR_RAM_
RST_B
M
N
PTF30
PTF28
PTF26
VDD_PTF
VSS
VDD_DIG1
VSS
VSS
VSS
VDD_DIG2
VDD_DDR_
PLL
VSS
VDDQ_DDR
DDR_CS1_
B_B
DDR_CKE0
N
P
PTF27
PTF29
VSS
PTF31
VDD_DIG1 VDD_DIG1
VSS
VSS
VSS
VDD_DIG2 VDD_DIG2
DDR_CKE1
VSS
DDR_CK1_
P
DDR_CK1_
N
P
R
USB0_VBUS
_DETECT
VDD_PLL18
_2
VDD_PLL18
_1
VSS
VDD_USB0
_18
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VDD_DIG2
VDD_DDR_
PLL
VSS
DDR_ODT1
DDR_ODT0
R
T
USB0_DP USB0_DM
VSS
VDD_USB0
_33
VDD_USB1
_18
VDD_USB0
_18
VSS
VSS
VSS
VDD_DIG2 VDD_DIG2
DDR_A1
VSS
DDR_CK0_
P
DDR_CK0_
N
T
U
VDD_USB1
_33
USB1_VBUS
_DETECT
VDD_PMC1
8_DIG0
VDD_VBAT
18_CAP
VSS
VDD_USB1
_18
VSS
VSS
VSS
VDD_DIG2
VDDQX_AO
_DDR
VSS
VDDQ_DDR DDR_A3
DDR_A2
U
V
USB1_DP USB1_DM
VSS
TAMPER0 TAMPER1
VDD_PLL18
_0
VDD_PMC1
8_DIG0
VSS
VDD_VBAT
42
VDD_DIG0
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VDD_DIG2 VDD_DIG2
VDDQX_DD
R
VSS
VDDQ_DDR DDR_A5
DDR_A8
VSS
DDR_A0
DDR_A4 V
W
ONOFF
VSS
VDD_DIG0
VDD_DIG0
VDD_DIG0
VDD_DIG0
VSS
DDR_A7
W
Y
STANDBY_
REQ
PMIC_ON_
REQ
VSS
TESTCLK_P
VSS
VSS
VDD_PTA VDD_PTA VDD_PTA
VDD_ANA3
3
VDD18_IOR
EF_1
VDD_PTC VDD_PTC
VSS
VSS
DDR_DQ15
VSS
DDR_A9
DDR_A6 Y
AA
TESTCLK_NRESET1_B LDO_EN
VDD_PMC1
1_DIG0_CA
P
VSS
VDDQX_DD
R
VSS
VDDQ_DDRDDR_A10 DDR_DQ13
AA
AB
XTAL32
EXTAL32
VSS
RESET0_B
PTA0
PTA2
VDD_PMC1
1_DIG0_CA
P
VSS
VSS
VSS
VSS
VSS
VSS
VDD_PTC
VDDQ_DDR VDDQ_DDR
DDR_A11 DDR_DQ12
VSS
DDR_DQS1
_N
DDR_DQ14 AB
AC
VSS
VDD_PMC1
8
VDD_PMC1
8
VDD_FUSE1
8
VDD_ANA1
8
VDD_ANA1
8
VDD_PTB VDD_PTB
VSS
VDDQX_DD
R
DDR_DQS1
_P
AC
AD
XTAL0
EXTAL0
VSS
PTA4
PTA1
PTA17
VDD_FUSE1
8
PTB0
PTB4
VDD_PTB
PTC8
PTC16
PTC22
VSS
DDR_DQ9
VSS
DDR_DM1 DDR_DQ11 AD
AE
PTA3
PTA12
PTA21
PTA23
PTB2
PTB6
PTB12
PTC2
PTC6
PTC14
PTC20
PTC23
DDR_DQ8
AE
AF
PTA6
PTA7
VSS
PTA8
PTA14
PTA18
PTA20
PTA22
BOOT_MO
DE1
PTB5
PTB7
PTB8
PTB13
PTC4
PTC0
PTC11
PTC12
PTC18
DDR_DQ0 DDR_DQ2 DDR_DQ4
VSS
DDR_DQ7 DDR_DQ10 AF
AG
PTA9
VSS
VSS
VSS_ANA
VSS_ANA
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
DDR_DQ5
AG
AH
PTA5
PTA10
PTA11
PTA15
PTA16
BOOT_MO
DE0
DAC0_OUT
VREFL_ANA PTB1
PTB3
PTB10
PTB15
PTB14
PTC5
PTC7
PTC13
PTC10
PTC17
PTC21
DDR_DM0
DDR_DQS0
_P
DDR_DQS0
_N
DDR_DQ6 AH
AJ
VSS
PTA13
PTA19
PTA24
DAC1_OUT
VREFH_AN
A18
PTB9
PTB11
PTC1
PTC3
PTC9
PTC15
PTC19
DDR_DQ1
DDR_DQ3
VSS
AJ
8.2 FCBGA, 9.4 x 9.4 mm, 0.4 mm pitch (512 FCBGA)
This section includes the following information for the 9.4 x 9.4 mm, 0.4 mm pitch package (512 FCBGA).
• Case outline
• Ball map
8.2.1 9.4 x 9.4 mm package case outline
The following figure shows the top, bottom, and side views of the 9.4 x 9.4 mm FCBGA package.
NXP Semiconductors
Package information
i.MX 8ULP Applications Processor—Commercial Products, Rev. 1, 09/2023
Data Sheet: Technical Data
97 / 105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com