Electronic Components Datasheet Search
  English  ▼

X  

IMX8ULPCEC Datasheet(PDF) 32 Page - NXP Semiconductors

Part # IMX8ULPCEC
Description  i.MX 8ULP Applications Processor-Commercial Products
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8ULPCEC Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button IMX8ULPCEC Datasheet HTML 28Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 29Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 30Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 31Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 32Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 33Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 34Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 35Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 105 page
background image
4.2.1.1.1 Oscillator DC electrical specifications
Table 10. Oscillator DC electrical specifications
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
VEXTAL EXTAL input voltage — external clock mode
0
—
VDD
V
VIH
Input high voltage — EXTAL pin in external
clock mode
0.7 x VDD
—
VDD
V
VIL
Input low voltage — EXTAL pin in external
clock mode
VSS
—
0.35 x VDD
V
IDD
Current consumption (high-gain mode)
—
2
—
mA
Current consumption (low-power mode)
—
1
—
mA
Cx
EXTAL load capacitance
—
—
—
1
Cy
XTAL load capacitance
—
—
—
1
RF
Feedback resistor — low-power
mode (HGO=0)
—
—
—
MΩ
1 2
Feedback resistor — high-gain mode (HGO=1)
—
1
—
MΩ
RS
Series resistor — low-power mode (HGO=0)
—
0
—
Ω
Series resistor — high-gain mode (HGO=1)
Vpp3
Peak-to-peak amplitude of oscillation
(oscillator mode) — high-frequency, low-power
mode (HGO=0)
—
0.8
—
V
Peak-to-peak amplitude of oscillation
(oscillator mode) — high-frequency, high-gain
mode (HGO=1)
0.75 x
VDD_PMC18
0.8 x
VDD_PMC18
—
V
1. See crystal or resonator manufacturer's recommendation
2. When low power mode is selected, RF is integrated and must not be attached externally.
3. The EXTAL and XTAL pins should only be connected to required oscillator components and must not be connected to any
other devices.
4.2.1.1.2 System oscillator frequency specifications
Table 11. System oscillator frequency specifications
Symbol
Description
Min.
Typ.
Max.
Unit
fosc_lo
Oscillator crystal or resonator frequency — low-
frequency mode
4
24
32
MHz
tdc_extal
Input clock duty cycle (external clock mode)
49
51
%
tstart
Start-up time (if 24MHz used only, high gainand low
power mode
—
0.2
—
ms
NXP Semiconductors
System specifications
i.MX 8ULP Applications Processor—Commercial Products, Rev. 1, 09/2023
Data Sheet: Technical Data
32 / 105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com