Electronic Components Datasheet Search
  English  ▼

X  

IMX8ULPCEC Datasheet(PDF) 21 Page - NXP Semiconductors

Part # IMX8ULPCEC
Description  i.MX 8ULP Applications Processor-Commercial Products
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8ULPCEC Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button IMX8ULPCEC Datasheet HTML 17Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 18Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 19Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 20Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 21Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 22Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 23Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 24Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 105 page
background image
2.1.2.1.1 True Random Number Generator (TRNG)
The TRNG module is used to generate high quality, cryptographically secure, random data. The TRNG module is capable of
generating its own entropy using an integrated ring oscillator. In addition, the module’s Pseudo-Random Number Generator
(PRNG) provides accelerated processing of pseudo-random data.
2.1.2.1.2 Real-Time Clock (RTC)
The RTC module provides 64-bit monotonic counter with roll-over protection, 32-bit seconds counter with roll-over protection and
32-bit alarm. This timer module is extremely low power that allows it to operate on a backup power supply when the main power
supply is cut off. The RTC remains functional in all low power modes and can generate an interrupt to exit any low power mode.
2.1.2.1.3 Battery-Backed secure module (BBSM)
The Battery-Backed Security Module (BBSM) serves as nonvolatile security logic and storage for Edgelock secure enclave. See
S400 Reference Manual for BBSM chapter.
The following table shows the osc32 specs of this module.
Symbol
Parameter
Min
Typ
Max
Unit
fosc_lo
Oscillator crystal
-
32.768
-
kHz
Vec_extal32
Externally
provided input
clock amplitude
0.7
-
VDD_VBAT18_CA
P
V
2.1.2.2 Timers—application domain
The i.MX 8ULP Application Domain implements the following timers:
• Low Power Periodic Interrupt Timer (LPIT)
• Timer/PWM Module (LPTPM)
• External Watchdog Monitor(EWM)
• Time stamp timer module (TSTMR)
• Watchdog Timer (WDOG)
• Multirate Timer (MRT)
See i.MX 8ULP modules list.
2.1.2.3 Connectivity and communications—applications domain
The i.MX 8ULP Application Domain implements the following connectivity and communications peripherals:
• Secure Digital (SD) Interface via the uSDHC
• Low Power Universal Asynchronous Receiver/Transmitter (LPUART)
• Low Power Inter-Integrated Circuit (LPI2C)
• Low Power Serial Peripheral Interface (LPSPI)
• Universal System Bus On-The-Go (USB-OTG)
• Improved Inter-Integrated Circuit Interface (I3C)
• Flexible Serial Peripheral Interface (FlexSPI)
• 10/100 Mpbs Ethernet Controller (ENET)
NXP Semiconductors
Specifications
i.MX 8ULP Applications Processor—Commercial Products, Rev. 1, 09/2023
Data Sheet: Technical Data
21 / 105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com