Electronic Components Datasheet Search
  English  ▼

X  

IMX8ULPCEC Datasheet(PDF) 23 Page - NXP Semiconductors

Part # IMX8ULPCEC
Description  i.MX 8ULP Applications Processor-Commercial Products
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8ULPCEC Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button IMX8ULPCEC Datasheet HTML 19Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 20Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 21Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 22Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 23Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 24Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 25Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 26Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 105 page
background image
• Low Power Universal Asynchronous Receiver/Transmitter (LPUART)
• Low Power Inter-Integrated Circuit (LPI2C)
• Low Power Serial Peripheral Interface (LPSPI)
• Rapid General-Purpose Input and Output with 2 Ports (RGPIO2P)
• Flexible Input/Output (FlexIO)
• Flexible Controlled Area Network (FlexCAN)
See the i.MX 8ULP modules list for more details.
3 System control modules
3.1 JTAG—system control
Joint Test Action Group Controller (JTAGC) provides the means to test chip functionality and connectivity while remaining
transparent to system logic when not in test mode. Testing is performed via a boundary scan technique, as defined in the IEEE
1149.1-2001 standard.
3.2 JTAG device identification register
The device identification register (Device_ID) is 32-bit length register which provides component identification information. For
more details, see the device identification register section of i.MX 8ULP Applications Processor Reference Manual for details. This
table shows the Device_ID fields for each i.MX 8ULP silicon revision.
Table 4. JTAG device identification register information
Silicon Revision
Version (4 MSBs)
Part Number
Manufacturer Identity
IEEE 1149.1
Requirement (LSB)
A2
0001
1000100011101000
00000001110
1
The contents of the Device_ID register are also mirrored in a SIM register called MIRROR_OF_JTAG_ID_REG
(address:2802_A010). See the i.MX8ULPRM for details.
3.3 Oscillators and PLLs
3.3.1 System oscillator (SYS OSC)
The system oscillator (SYS OSC) is a crystal oscillator. The SYS OSC, in conjunction with an external crystal or resonator,
generates a reference clock for this chip. It also provides the option for external input bypass clock from the EXTAL signal directly.
3.3.2 Real-Time Clock Oscillator (RTC OSC)
The RTC OSC module provides the clock source for the Real-Time Clock module. The RTC OSC module, in conjunction with an
external crystal, generates a 32.768 kHz reference clock for the RTC.
3.3.3 192 MHz Free-Running Oscillator (FRO)
Low Power internal reference clock (IRC) with tuning logic to generate 192 MHz. System defaults to FRO for as initial boot clock.
NXP Semiconductors
System control modules
i.MX 8ULP Applications Processor—Commercial Products, Rev. 1, 09/2023
Data Sheet: Technical Data
23 / 105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com