Electronic Components Datasheet Search
  English  ▼

X  

IMX8ULPCEC Datasheet(PDF) 85 Page - NXP Semiconductors

Part # IMX8ULPCEC
Description  i.MX 8ULP Applications Processor-Commercial Products
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8ULPCEC Datasheet(HTML) 85 Page - NXP Semiconductors

Back Button IMX8ULPCEC Datasheet HTML 81Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 82Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 83Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 84Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 85Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 86Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 87Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 88Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 89Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 105 page
background image
Table 66. ADC electrical specifications (VREFH=1.68 V and VADINmax≤VDD_PTAmax)1 (continued)
Symbol
Description
Min
Typ2
Max
Unit
Notes
INL
Integral
nonlinearity
—
±1.2
—
LSB
5,6
ENOB
Effective Number of Bits
7
Single-ended mode
Avg = 1
—
10.3
—
Avg = 2
—
10.6
—
Avg = 16
—
11.3
—
Differential mode
Avg = 1
—
11.2
—
Avg = 2
—
—
—
Avg = 16
—
—
—
SINAD
Signal to noise
plus distortion
SINAD=6.02 x ENOB + 1.76
dB
EFS
Full-scale error —
-4
—
LSB
5
EZS
Zero-scale error —
0.05
—
LSB
5
Iin_ext_leak
External
channel
leakage current
—
30
500
nA
EIL
Input leakage
error
RAS * Iin
mV
1. Values in this table are based on design simulations.
2. Typical values assume VDD_ANA_18 = 1.8 V, Temp = 25 °C, fACLK = Max, unless otherwise stated. Typical values are
for reference only, and are not tested in production.
3. This resistance is external to the SoC. To achieve the best results, the analog source resistance must be kept as low
as possible. The results in this data sheet were derived from a system that had < 15 Ω analog source resistance. The
RAS/CAS time constant should be kept to < 1 ns.
4. See Figure 37.
5. 1 LSB = (VREFH - VREFL)/2N, N=12
6. ADC conversion clock at max frequency and using linear histogram.
7. Input data used for test was 1 kHz sine wave.
Table 67. ADC electrical specifications (1V≤VREFH<VDD_ANA18MIN and VADINMAX≤VREFH) 1
Symbol
Description
Min
Typ2
Max
Unit
Notes
VADIN
Input voltage VREFL
—
VREFH
V
—
CADIN
Input
capacitance
—
4.5
—
pF
—
RADIN
Input
resistance
—
500
—
Ω
Table continues on the next page...
NXP Semiconductors
Specifications—real-time domain
i.MX 8ULP Applications Processor—Commercial Products, Rev. 1, 09/2023
Data Sheet: Technical Data
85 / 105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com