Electronic Components Datasheet Search
  English  ▼

X  

IMX8ULPCEC Datasheet(PDF) 39 Page - NXP Semiconductors

Part # IMX8ULPCEC
Description  i.MX 8ULP Applications Processor-Commercial Products
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8ULPCEC Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button IMX8ULPCEC Datasheet HTML 35Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 36Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 37Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 38Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 39Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 40Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 41Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 42Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 105 page
background image
4.3.2 Power down sequencing
As a rule, reverse the order detailed above. Pay attention for the VDD_PTC and VDD_PTD being powered OFF before the
VDD18_IOREF_1/2 being powered OFF.
4.4 Requirements for unused interfaces
This table shows the required connections for unused interfaces. See i.MX 8ULP Hardware Developers Guide, for details.
Table 17. Required connections for unused interfaces
Module
Supply Name
Description
Recommendations if module is unused
ADC
VREFH_ANA18
High Reference supply for ADC
10 kΩ resistor to ground
VREFL_ANA
Low Reference supply for ADC
Must be powered
VDD_ANA18
1.8 V supply for ADC Analog and
IO segment
Must be powered
VDD_ANA33
ADC analog and IO 3.3 V or 1.8 V
supply input
10 kΩ resistor to ground
DAC
DAC0_OUT
DAC0 output
Leave unconnected
DAC1_OUT
DAC1 output
Leave unconnected
MIPI DSI
VDD_DSI11
MIPI 1.1 V supply
Must be powered
VDD_DSI18
MIPI 1.8 V supply
Must be powered
DSI_CLK_N
MIPI Negative Clock Signal
Leave unconnected
DSI_CLK_P
MIPI Positive Clock Signal
Leave unconnected
DSI_DATA0_N
MIPI Negative Data0 Signal
Leave unconnected
DSI_DATA0_P
MIPI Positive Data0 Signal
Leave unconnected
DSI_DATA1_N
MIPI Negative Data1 Signal
Leave unconnected
DSI_DATA1_P
MIPI Positive Data1 Signal
Leave unconnected
DSI_DATA2_N
MIPI Negative Data2 Signal
Leave unconnected
DSI_DATA2_P
MIPI Positive Data2 Signal
Leave unconnected
DSI_DATA3_N
MIPI Negative Data3 Signal
Leave unconnected
DSI_DATA3_P
MIPI Positive Data3 Signal
Leave unconnected
MIPI CSI
VDD_CSI11
MIPI 1.1 V supply
10 kΩ resistor to ground
VDD_CSI18
MIPI 1.8 V supply
10 kΩ resistor to ground
CSI_CLK_N
MIPI Negative Clock Signal
Leave unconnected
CSI_CLK_P
MIPI Positive Clock Signal
Leave unconnected
CSI_DATA0_N
MIPI Negative Data0 Signal
Leave unconnected
CSI_DATA0_P
MIPI Positive Data0 Signal
Leave unconnected
CSI_DATA1_N
MIPI Negative Data1 Signal
Leave unconnected
CSI_DATA1_P
MIPI Positive Data1 Signal
Leave unconnected
Table continues on the next page...
NXP Semiconductors
System specifications
i.MX 8ULP Applications Processor—Commercial Products, Rev. 1, 09/2023
Data Sheet: Technical Data
39 / 105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com