Electronic Components Datasheet Search
  English  ▼

X  

IMX8ULPCEC Datasheet(PDF) 35 Page - NXP Semiconductors

Part # IMX8ULPCEC
Description  i.MX 8ULP Applications Processor-Commercial Products
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8ULPCEC Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button IMX8ULPCEC Datasheet HTML 31Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 32Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 33Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 34Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 35Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 36Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 37Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 38Page - NXP Semiconductors IMX8ULPCEC Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 105 page
background image
Table 16. Clock frequencies (continued)
Clock name
Voltage range at the pin
1.05 V
1.0 V
0.9 V w/ARBB
I3C0
25
25
24
FlexCAN0
40
40
32
FLEXIO
80
50
32
SAI
50
50
24
LPIT0
60
60
32
WDOG0
24
24
24
ADC0
60
60
32
LPTPM0
60
60
32
TPIU
100
50
24
SWO
100
50
24
NIC_AP_CLK
452
328
—
NIC_PER_CLK
226
164
—
XBAR_AP_CLK
226
164
—
XBAR_BUS_CLK
113
82
—
AD_SLOW_CLK
37.7
27.3
—
uSDHC0
198
99
—
uSDHC1-PTD
164
82
—
uSDHC1-PTE/F
99
48
—
uSDHC2-PTD
82
41
—
uSDHC2-PTF
99
48
—
USB
480
480
—
ENET
198
198
—
FlexSPI2-PTD
164
82
—
FlexSPI2-PTE
99
48
—
LPUART4
60
60
—
LPI2C4
60
60
—
LPSPI4
125
96
—
I3C2
25
25
—
FLEXIO1
80
50
—
LPTPM4
60
60
—
LPIT1
60
60
—
Table continues on the next page...
NXP Semiconductors
System specifications
i.MX 8ULP Applications Processor—Commercial Products, Rev. 1, 09/2023
Data Sheet: Technical Data
35 / 105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com