Electronic Components Datasheet Search
  English  ▼

X  

VSC8541-02 Datasheet(PDF) 27 Page - Microchip Technology

Part # VSC8541-02
Description  Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8541-02 Datasheet(HTML) 27 Page - Microchip Technology

Back Button VSC8541-02 Datasheet HTML 23Page - Microchip Technology VSC8541-02 Datasheet HTML 24Page - Microchip Technology VSC8541-02 Datasheet HTML 25Page - Microchip Technology VSC8541-02 Datasheet HTML 26Page - Microchip Technology VSC8541-02 Datasheet HTML 27Page - Microchip Technology VSC8541-02 Datasheet HTML 28Page - Microchip Technology VSC8541-02 Datasheet HTML 29Page - Microchip Technology VSC8541-02 Datasheet HTML 30Page - Microchip Technology VSC8541-02 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 101 page
background image
Functional Descriptions
VMDS-10513 VSC8541-02 Datasheet Revision 4.1
18
3.8.1
Low Power State
In the low power state, all major digital blocks are powered down. However, the SMI interface (MDC,
MDIO, and MDINT) functionality is provided.
In this state, the PHY monitors the media interface pins for signal energy. The PHY comes out of low
power state and transitions to the normal operating state when signal energy is detected on the media.
This happens when the PHY is connected to an auto-negotiation-capable link partner or another PHY in
enhanced ActiPHY link partner wake-up state
In the absence of signal energy on the media pins, the PHY periodically transitions from low-power state
to link partner wake-up state, based on the programmable sleep timer (register bits 20E1.14:13). The
actual sleep time duration is randomized from –80 ms to 60 ms to avoid two linked PHYs in ActiPHY
mode entering a lock-up state during operation.
3.8.2
Link Partner Wake-Up State
In the link partner wake-up state, the PHY attempts to wake up the link partner. Up to three complete fast
link pulse bursts are sent on alternating pairs A and B of the Cat5 media for a duration based on the
wake-up timer, which is set using register bits 20E1.12:11.
In this state, SMI interface (MDC, MDIO, and MDINT) functionality is provided.
After sending signal energy on the relevant media, the PHY returns to the low power state.
3.8.3
Normal Operating State
In the normal operating state, the PHY establishes a link with a link partner. When the media is
unplugged or the link partner is powered down, the PHY waits for the duration of the programmable link
status time-out timer, which is set using register bit 28.7 and bit 28.2. It then enters the low power state.
3.9
Media Recovered Clock Output
For Synchronous Ethernet applications, VSC8541-02 includes a recovered clock output pin,
RCVRD_CLK, controlled by register 23G. The recovered clock pin is synchronized to the clock of the
active media link.
To enable recovered clock output, set register 23G bit 15 and bit 0 to 1. By default, the recovered clock
output pin is disabled and held low, including when NRESET is asserted. Register 23G also controls the
clock source, the clock frequency (either 25 MHz, 31.25 MHz, or 125 MHz), and squelch conditions.
Note: When EEE is enabled on a link, the use of the recovered clock output is not recommended due to long
holdovers occurring during EEE quiet/refresh cycles.
3.9.1
Clock Output Squelch
Under certain conditions, such as when there is no link present or during auto-negotiation, the PHY
outputs a clock based on the REFCLK pin. To prevent an undesirable clock from appearing on the
recovered clock pins, the VSC8541-02 device squelches, or inhibits, the clock output based on any of the
following criteria:
•
No link is detected (the link status register 1, bit 2 = 0).
•
The link is found to be unstable using the fast link failure detection feature. The FASTLINK-FAIL pin
is asserted high when enabled.
•
The active link is in 10BASE-T or in 1000BASE-T master mode. These modes produce unreliable
recovered clock sources.
•
CLK_SQUELCH_IN is enabled to squelch the clock.
Use register 23G bits 5:4 to configure the clock squelch criteria. This register can also disable the
squelch feature. The CLK_SQUELCH_IN pin controls the squelching of the clock. The recovered clock
output is squelched when the CLK_SQUELCH_IN pin is high. This pin should not be left floating.
3.10
Serial Management Interface
The VSC8541-02 device includes an IEEE 802.3-compliant Serial Management Interface (SMI) that is
affected by use of its MDC and MDIO pins. The SMI provides access to device control and status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com