Electronic Components Datasheet Search
  English  ▼

X  

VSC8541-02 Datasheet(PDF) 86 Page - Microchip Technology

Part # VSC8541-02
Description  Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8541-02 Datasheet(HTML) 86 Page - Microchip Technology

Back Button VSC8541-02 Datasheet HTML 82Page - Microchip Technology VSC8541-02 Datasheet HTML 83Page - Microchip Technology VSC8541-02 Datasheet HTML 84Page - Microchip Technology VSC8541-02 Datasheet HTML 85Page - Microchip Technology VSC8541-02 Datasheet HTML 86Page - Microchip Technology VSC8541-02 Datasheet HTML 87Page - Microchip Technology VSC8541-02 Datasheet HTML 88Page - Microchip Technology VSC8541-02 Datasheet HTML 89Page - Microchip Technology VSC8541-02 Datasheet HTML 90Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 101 page
background image
Electrical Specifications
VMDS-10513 VSC8541-02 Datasheet Revision 4.1
77
Figure 34 •
Serial Management Interface Timing
5.2.15
Reset Timing
This section contains the AC specifications that apply to device reset functionality. The signal applied to
the NRESET input must comply with the specifications listed in the following table.
5.3
Operating Conditions
The following table shows the recommended operating conditions for the VSC8541-02 device.
Table 114 •
Reset Timing AC Characteristics
Parameter
Symbol Minimum
Typical Maximum Unit
NRESET assertion time after power supplies and clock stabilize tW
2ms
Recovery time from reset inactive to device fully active
tREC
15
ms
NRESET pulse width
tW(RL)
100
ns
Wait time between NRESET de-assert and access of the SMI
interface
tWAIT
15
ms
Table 115 •
Recommended Operating Conditions
Parameter
Symbol Minimum Typical Maximum Unit
Power supply voltage for core supply
VDD1
0.95
1.00
1.05
V
Power supply voltage for analog circuits
VDD1A
0.95
1.00
1.05
V
2.5 V power supply voltage for analog circuits
VDD25A
2.38
2.5
2.62
V
2.5 V power supply voltage for VDDMAC, VDDIO, and
VDDMDIO
V25
2.38
2.5
2.62
V
3.3 V power supply voltage for VDDMAC, VDDIO, and
VDDMDIO
V33
3.135
3.3
3.465
V
1.8 V power supply voltage for VDDMAC and VDDMDIO
V18
1.71
1.8
1.89
V
1.5 V power supply voltage for VDDMAC and VDDMDIO
V15
1.425
1.5
1.575
V
1.2 V power supply voltage for VDDMDIO
V12
1.14
1.2
1.26
V
VSC8541-02 operating temperature1
T
0
125
°C
VSC8541-05 operating temperature1
T
–40
125
°C
tCYC
tWL
tWH
tSU
tH
tCO
Data
Data
MDIO
(read)
MDIO
(write)
MDC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com