Electronic Components Datasheet Search
  English  ▼

X  

VSC8541-02 Datasheet(PDF) 48 Page - Microchip Technology

Part # VSC8541-02
Description  Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8541-02 Datasheet(HTML) 48 Page - Microchip Technology

Back Button VSC8541-02 Datasheet HTML 44Page - Microchip Technology VSC8541-02 Datasheet HTML 45Page - Microchip Technology VSC8541-02 Datasheet HTML 46Page - Microchip Technology VSC8541-02 Datasheet HTML 47Page - Microchip Technology VSC8541-02 Datasheet HTML 48Page - Microchip Technology VSC8541-02 Datasheet HTML 49Page - Microchip Technology VSC8541-02 Datasheet HTML 50Page - Microchip Technology VSC8541-02 Datasheet HTML 51Page - Microchip Technology VSC8541-02 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 101 page
background image
Registers
VMDS-10513 VSC8541-02 Datasheet Revision 4.1
39
4.2.18
Error Counter 2
The bits in register 20 provide an error counter. The following table shows the settings available.
4.2.19
Error Counter 3
The bits in register 21 provide an error counter. The following table shows the settings available.
4.2.20
Extended Control and Status
The bits in register 22 provide additional device control and readouts. The following table shows the
settings available.
Table 39 •
Extended Control and Status, Address 20 (0x14)
Bit
Name
Access Description
Default
15:8 Reserved
RO
Reserved.
7:0
100/1000 false carrier counter RO
8-bit counter that saturates when it reaches 255.
These bits are self-clearing when read.
0x00
Table 40 •
Extended Control and Status, Address 21 (0x15)
Bit
Name
Access Description
Default
15:8 Reserved
RO
Reserved.
7:0
Copper media link disconnect counter RO
8-bit counter that saturates when it reaches 255.
These bits are self-clearing when read.
0x00
Table 41 •
Extended Control and Status, Address 22 (0x16)
Bit
Name
Access Description
Default
15
Force 10BASE-T link high
R/W
Sticky bit.
1: Bypass link integrity test.
0: Enable link integrity test.
0
14
Jabber detect disable
R/W
Sticky bit.
1: Disable jabber detect.
0
13
Disable 10BASE-T echo
R/W
Sticky bit.
1: Disable 10BASE-T echo.
1
12
Disable SQE mode
R/W
Sticky bit.
1: Disable SQE mode.
1
11:10
10BASE-T squelch control
R/W
Sticky bit.
00: Normal squelch.
01: Low squelch.
10: High squelch.
11: Reserved.
00
9
Sticky reset enable
R/W
Super-sticky bit.
1: Enabled.
1
8
EOF Error
RO
This bit is self-clearing.
1: EOF error detected.
0
7
10BASE-T disconnect state RO
This bit is self-clearing.
1: 10BASE-T link disconnect detected.
0
6
10BASE-T link status
RO
1: 10BASE-T link active.
0
5:1
Reserved
RO
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com