Electronic Components Datasheet Search
  English  ▼

X  

VSC8541-02 Datasheet(PDF) 61 Page - Microchip Technology

Part # VSC8541-02
Description  Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8541-02 Datasheet(HTML) 61 Page - Microchip Technology

Back Button VSC8541-02 Datasheet HTML 57Page - Microchip Technology VSC8541-02 Datasheet HTML 58Page - Microchip Technology VSC8541-02 Datasheet HTML 59Page - Microchip Technology VSC8541-02 Datasheet HTML 60Page - Microchip Technology VSC8541-02 Datasheet HTML 61Page - Microchip Technology VSC8541-02 Datasheet HTML 62Page - Microchip Technology VSC8541-02 Datasheet HTML 63Page - Microchip Technology VSC8541-02 Datasheet HTML 64Page - Microchip Technology VSC8541-02 Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 101 page
background image
Registers
VMDS-10513 VSC8541-02 Datasheet Revision 4.1
52
4.4.3
RGMII Control
The following table shows the register settings for the RGMII controls at address 20E2.
11:10
Invert LED polarity
R/W
Sticky bit.
Invert polarity of LED signals. Default is to drive
an active low signal on the LED pins. For more
information, see Extended LED Modes, page 22.
00
9
Reserved
RO
Reserved.
8
Link status
RO
1: Link is up.
0
7
1000BASE-T EEE
enable
RO
1: EEE is enabled for 1000BASE-T.
0
6
100BASE-TX EEE
enable
RO
1: EEE is enabled for 100BASE-TX.
0
5
Enable 1000BASE-T
force mode
R/W
Sticky bit.
1: Enable 1000BASE-T force mode to allow PHY
to link-up in 1000BASE-T mode without forcing
master/slave when register 0, bits 6 and 13 are
set to 2’b10.
0
4
Force transmit LPI1
R/W
Sticky bit.
1: Enable the EPG to transmit LPI on the MDI,
ignore data from the MAC interface.
0: Transmit idles being received from the MAC.
0
3
Inhibit 100BASE-TX
transmit EEE LPI
R/W
Sticky bit.
1: Disable transmission of EEE LPI on transmit
path MDI in 100BASE-TX mode when receiving
LPI from MAC.
0
2
Inhibit 100BASE-TX
receive EEE LPI
R/W
Sticky bit.
1: Disable transmission of EEE LPI on receive
path MAC interface in 100BASE-TX mode when
receiving LPI from the MDI.
0
1
Inhibit 1000BASE-T
transmit EEE LPI
R/W
Sticky bit.
1: Disable transmission of EEE LPI on transmit
path MDI in 1000BASE-T mode when receiving
LPI from MAC.
00
0
Inhibit 1000BASE-T
receive EEE LPI
R/W
Sticky bit.
1: Disable transmission of EEE LPI on receive
path MAC interface in 1000BASE-T mode when
receiving LPI from the MDI.
0
1.
17E2 bits 4:0 are for debugging purposes only, not for operational use.
Table 60 •
RGMII Control, Address 20E2 (0x14)
Bit
Name
Access Description
Default
15
FLF2 enable
R/W
Fast Link Failure 2 indication enable.
0: Disabled.
1: Enabled.
0
14:13
Reserved
RO
Reserved.
Table 59 •
EEE Control, Address 17E2 (0x11) (continued)
Bit
Name
Access Description
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com