Electronic Components Datasheet Search
  English  ▼

X  

VSC8541-02 Datasheet(PDF) 44 Page - Microchip Technology

Part # VSC8541-02
Description  Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8541-02 Datasheet(HTML) 44 Page - Microchip Technology

Back Button VSC8541-02 Datasheet HTML 40Page - Microchip Technology VSC8541-02 Datasheet HTML 41Page - Microchip Technology VSC8541-02 Datasheet HTML 42Page - Microchip Technology VSC8541-02 Datasheet HTML 43Page - Microchip Technology VSC8541-02 Datasheet HTML 44Page - Microchip Technology VSC8541-02 Datasheet HTML 45Page - Microchip Technology VSC8541-02 Datasheet HTML 46Page - Microchip Technology VSC8541-02 Datasheet HTML 47Page - Microchip Technology VSC8541-02 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 101 page
background image
Registers
VMDS-10513 VSC8541-02 Datasheet Revision 4.1
35
4.2.9
1000BASE-T Control
The 1000BASE-T functionality is controlled by the bits in register 9 of the main register space. The
following table shows the settings and readouts available.
Note: Transmitter test mode (bits 15:13) operates in the manner described in IEEE 802.3 section 40.6.1.1.2.
4.2.10
1000BASE-T Status
The bits in register 10 of the main register space can be read to obtain the status of the 1000BASE-T
communications enabled in the device. The following table shows the readouts.
Table 30 •
1000BASE-T Control, Address 9 (0x09)
Bit
Name
Access Description
Default
15:13 Transmitter test mode
R/W
000: Normal.
001: Mode 1: Transmit waveform test.
010: Mode 2: Transmit jitter test as master.
011: Mode 3: Transmit jitter test as slave.
100: Mode 4: Transmitter distortion test.
101–111: Reserved.
000
12
Master/slave manual configuration R/W
1: Master/slave manual configuration enabled.
0
11
Master/slave value
R/W
This register is only valid when bit 9.12 is set to 1.
1: Configure PHY as master during negotiation.
0: Configure PHY as slave during negotiation.
0
10
Port type
R/W
1: Multi-port device.
0: Single-port device.
0
9
1000BASE-T FDX capability
R/W
1: PHY is 1000BASE-T FDX capable.
1
8
1000BASE-T HDX capability
R/W
1: PHY is 1000BASE-T HDX capable.
1
7:0
Reserved
RO
Reserved.
Table 31 •
1000BASE-T Status, Address 10 (0x0A)
Bit Name
Access Description
Default
15
Master/slave configuration fault
RO
This bit latches high; self-clearing.
1: Master/slave configuration fault detected.
0: No master/slave configuration fault
detected.
0
14
Master/slave configuration resolution RO
1: Local PHY configuration resolved to master.
0: Local PHY configuration resolved to slave.
1
13
Local receiver status
RO
1: Local receiver is operating normally.
0
12
Remote receiver status
RO
1: Remote receiver OK.
0
11
LP 1000BASE-T FDX capability
RO
1: LP 1000BASE-T FDX capable.
0
10
LP 1000BASE-T HDX capability
RO
1: LP 1000BASE-T HDX capable.
0
9:8 Reserved
RO
Reserved.
7:0 Idle error count
RO
Self-clearing register.
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com