Electronic Components Datasheet Search
  English  ▼

X  

VSC8541-02 Datasheet(PDF) 76 Page - Microchip Technology

Part # VSC8541-02
Description  Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8541-02 Datasheet(HTML) 76 Page - Microchip Technology

Back Button VSC8541-02 Datasheet HTML 72Page - Microchip Technology VSC8541-02 Datasheet HTML 73Page - Microchip Technology VSC8541-02 Datasheet HTML 74Page - Microchip Technology VSC8541-02 Datasheet HTML 75Page - Microchip Technology VSC8541-02 Datasheet HTML 76Page - Microchip Technology VSC8541-02 Datasheet HTML 77Page - Microchip Technology VSC8541-02 Datasheet HTML 78Page - Microchip Technology VSC8541-02 Datasheet HTML 79Page - Microchip Technology VSC8541-02 Datasheet HTML 80Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 101 page
background image
Electrical Specifications
VMDS-10513 VSC8541-02 Datasheet Revision 4.1
67
The on-die thermal diode requires an external thermal sensor, located on the board or in a stand-alone
measurement kit. Temperature measurement using a thermal diode is very sensitive to noise. The
following illustration shows a generic application design.
Figure 23 •
Thermal Diode
Note: Microsemi does not support or recommend operation of the thermal diode under reverse bias.
The following table provides the diode parameter and interface specifications with the pins connected
internally to VSS in the device.
The ideality factor, n, represents the deviation from ideal diode behavior as exemplified by the diode
equation:
where, IS = saturation current, q = electronic charge, VD = voltage across the diode, k = Boltzmann constant, and T =
absolute temperature (Kelvin).
5.2
AC Characteristics
This section provides the AC specifications for the VSC8541-02 device.
5.2.1
Reference Clock
The following table lists the AC specifications for the REFCLK reference clock.
Table 97 •
Thermal Diode Parameters
Parameter
Symbol
Typical
Maximum Unit
Forward bias current
IFW
See note1
1.
Typical value is device dependent.
1mA
Diode ideality factor
n
1.008
Table 98 •
RefClk
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Condition
REFCLK frequency,
REFCLK_SEL[1:0]= 11
ƒ
–100 ppm 125
100 ppm
MHz
REFCLK frequency,
REFCLK_SEL[1:0]= 10
ƒ
–100 ppm 50
100 ppm
MHz
REFCLK frequency,
REFCLK_SEL[1:0]= 01
ƒ
–100 ppm 25
100 ppm
MHz
Rise time and fall time
tR, tF
1.5
ns
20% to 80%, 5.1 pF load
Duty cycle
45
55
%
Phase jitter—Gaussian
4
psRMS Bandwidth from 10 kHz to 10 MHz
Microsemi
Die Cell
Temperature
Diode
External
Device
2200 pF
Anode
Cathode
Anode
Cathode
Isolated Sensor Circuit
D+
D–
Microsemi
Die Cell
Temperature
Diode
External
Device
2200 pF
Grounded Sensor Circuit
DXP
GND
IFW
IS e
qVD
() nkT
()
⁄
1
–
()
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com