Electronic Components Datasheet Search
  English  ▼

X  

VSC8541-02 Datasheet(PDF) 72 Page - Microchip Technology

Part # VSC8541-02
Description  Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8541-02 Datasheet(HTML) 72 Page - Microchip Technology

Back Button VSC8541-02 Datasheet HTML 68Page - Microchip Technology VSC8541-02 Datasheet HTML 69Page - Microchip Technology VSC8541-02 Datasheet HTML 70Page - Microchip Technology VSC8541-02 Datasheet HTML 71Page - Microchip Technology VSC8541-02 Datasheet HTML 72Page - Microchip Technology VSC8541-02 Datasheet HTML 73Page - Microchip Technology VSC8541-02 Datasheet HTML 74Page - Microchip Technology VSC8541-02 Datasheet HTML 75Page - Microchip Technology VSC8541-02 Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 101 page
background image
Electrical Specifications
VMDS-10513 VSC8541-02 Datasheet Revision 4.1
63
5
Electrical Specifications
This section provides the DC characteristics, AC characteristics, recommended operating conditions,
and stress ratings for the VSC8541-02 device.
5.1
DC Characteristics
This section contains the DC specifications for the VSC8541-02 device.
5.1.1
VDDMAC, VDDIO, and VDDMDIO (2.5 V)
The following table shows the DC specifications for the pins referenced to VDDMAC, VDDIO, and
VDDMDIO when it is set to 2.5 V. The specifications listed in the following table are valid only when
VDD1 = 1.0 V, VDD1A = 1.0 V, and VDD25A = 2.5 V.
5.1.2
VDDMAC, VDDIO, and VDDMDIO (3.3 V)
The following table shows the DC specifications for the pins referenced to VDDMAC, VDDIO, and
VDDMDIO when it is set to 3.3 V. The specifications listed in the following table are valid only when
VDD1 = 1.0 V, VDD1A = 1.0 V, and VDD25A = 2.5 V.
Table 85 •
VDDMAC, VDDIO, and VDDMDIO (2.5 V) DC Characteristics
Parameter
Symbol Minimum
Typical
Maximum
Unit
Condition
Output high voltage
VOH
2.0
V
IOH = –1.0 mA
Output low voltage
VOL
0.4
V
IOL = 1.0 mA
Input high voltage
VIH
1.85
3.6
V
Input high voltage
VIH
1.85
3.1
V
SMI pins (MDC, MDIO)
Input high voltage
VIH
1.85
2.75
V
VDDMAC-referenced pins
Input low voltage
VIL
–0.3
0.7
V
Input leakage current
IILEAK
–85
85
µA
Internal resistor included
Output leakage current
IOLEAK
–85
85
µA
Internal resistor included
Table 86 •
VDDMAC, VDDIO, and VDDMDIO (3.3 V) DC Characteristics
Parameter
Symbol
Minimum
Typical
Maximum
Unit Condition
Output high voltage
VOH
2.6
V
IOH = –1.0 mA
Output low voltage
VOL
0.4
V
IOL = 1.0 mA
Input high voltage
VIH
2.25
3.6
V
Input low voltage
VIL
–0.3
0.8
V
Input leakage current
IILEAK
–135
135
µA
Internal resistor included
Output leakage current
IOLEAK
–135
135
µA
Internal resistor included



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com