Electronic Components Datasheet Search
  English  ▼

X  

VSC8541-02 Datasheet(PDF) 63 Page - Microchip Technology

Part # VSC8541-02
Description  Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8541-02 Datasheet(HTML) 63 Page - Microchip Technology

Back Button VSC8541-02 Datasheet HTML 59Page - Microchip Technology VSC8541-02 Datasheet HTML 60Page - Microchip Technology VSC8541-02 Datasheet HTML 61Page - Microchip Technology VSC8541-02 Datasheet HTML 62Page - Microchip Technology VSC8541-02 Datasheet HTML 63Page - Microchip Technology VSC8541-02 Datasheet HTML 64Page - Microchip Technology VSC8541-02 Datasheet HTML 65Page - Microchip Technology VSC8541-02 Datasheet HTML 66Page - Microchip Technology VSC8541-02 Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 101 page
background image
Registers
VMDS-10513 VSC8541-02 Datasheet Revision 4.1
54
4.4.4
Wake-on-LAN MAC Address [15:0]
The following table shows the register settings for the Wake-on-LAN MAC address at 21E2.
4.4.5
Wake-on-LAN MAC Address [31:16]
The following table shows the register settings for the Wake-on-LAN MAC address at 22E2.
4.4.6
Wake-on-LAN MAC Address [47:32]
The following table shows the register settings for the Wake-on-LAN MAC address at 23E2.
4.4.7
Secure-On Password [15:0]
The following table shows the register settings for the Secure-On password used for WoL at 24E2.
2:0
TX_CLK delay
R/W
Sticky bit.
000: 0.2 ns delay.
001: 0.8 ns delay.
010: 1.1 ns delay.
011: 1.7 ns delay.
100: 2.0 ns delay.
101: 2.3 ns delay.
110: 2.6 ns delay.
111: 3.4 ns delay.
000
Table 61 •
Wake-on-LAN MAC Address, 21E2 (0x15)
Bit
Name
Access Description
Default
15:0
WoL MAC address [15:0]
R/W
Sticky bit.
WoL MAC address lower two bytes.
0x0000
Table 62 •
Wake-on-LAN MAC Address, 22E2 (0x16)
Bit
Name
Access Description
Default
15:0
WoL MAC address [31:16]
R/W
Sticky bit.
WoL MAC address middle two bytes.
0x0000
Table 63 •
Wake-on-LAN MAC Address, 23E2 (0x17)
Bit
Name
Access Description
Default
15:0
WoL MAC address [47:32]
R/W
Sticky bit.
WoL MAC address upper two bytes.
0x0000
Table 64 •
Secure-On Password, 24E2 (0x18)
Bit
Name
Access Description
Default
15:0
Secure-On password [15:0]
R/W
Sticky bit.
Secure-On password for WoL lower
two bytes.
0x0000
Table 60 •
RGMII Control, Address 20E2 (0x14) (continued)
Bit
Name
Access Description
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com