Electronic Components Datasheet Search
  English  ▼

X  

VSC8541-02 Datasheet(PDF) 65 Page - Microchip Technology

Part # VSC8541-02
Description  Single Port Gigabit Ethernet Copper PHY with GMII/RGMII/MII/RMII Interfaces
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8541-02 Datasheet(HTML) 65 Page - Microchip Technology

Back Button VSC8541-02 Datasheet HTML 61Page - Microchip Technology VSC8541-02 Datasheet HTML 62Page - Microchip Technology VSC8541-02 Datasheet HTML 63Page - Microchip Technology VSC8541-02 Datasheet HTML 64Page - Microchip Technology VSC8541-02 Datasheet HTML 65Page - Microchip Technology VSC8541-02 Datasheet HTML 66Page - Microchip Technology VSC8541-02 Datasheet HTML 67Page - Microchip Technology VSC8541-02 Datasheet HTML 68Page - Microchip Technology VSC8541-02 Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 101 page
background image
Registers
VMDS-10513 VSC8541-02 Datasheet Revision 4.1
56
4.4.11
Extended Interrupt Mask
The following table shows the register settings for the extended interrupt mask at address 28E2.
4.4.12
Extended Interrupt Status
The following table shows the register settings for the extended interrupt status at address 29E2.
7:5
Pad edge rate control
R/W
Sticky bit.
MAC interface edge rate control.
000: Slowest edge rate
001: +1 pad edge rate
010: +2 pad edge rate
011: +3 pad edge rate
100: +4 pad edge rate
101: +5 pad edge rate
110: +6 pad edge rate
111: +7 pad edge rate (fastest)
111
4
RMII CLKOUT enable
R/W
Sticky bit.
0: RMII CLKOUT disabled.
1: RMII CLKOUT enabled.
1
3:1
Reserved
RO
Reserved.
0
MDINT CMOS drive
R/W
Sticky bit.
0: Disabled.
1: Enabled.
0
Table 68 •
Extended Interrupt Mask, Address 28E2 (0x1C)
Bit
Name
Access Description
Default
15:14
Reserved
RO
Reserved.
13
Rx FIFO overflow/underflow interrupt mask
R/W
Sticky bit. 1: Enabled.
0
12
Tx FIFO overflow/underflow interrupt mask
R/W
Sticky bit. 1: Enabled.
0
11:5
Reserved
RO
Reserved.
4
RR switchover complete interrupt mask
R/W
Sticky bit. 1: Enabled.0
3
EEE link fail interrupt mask
R/W
Sticky bit. 1: Enabled.
0
2
EEE Rx TQ timer interrupt mask
R/W
Sticky bit. 1: Enabled.
0
1
EEE wait quiet/Rx TS timer interrupt mask
R/W
Sticky bit. 1: Enabled.
0
0
EEE wake error interrupt mask
R/W
Sticky bit. 1: Enabled.
0
Table 69 •
Extended Interrupt Status, Address 29E2 (0x1D)
Bit
Name
Access Description
Default
15:14
Reserved
RO
Reserved.
13
Rx FIFO overflow/underflow interrupt status
RO
Self-clearing bit.
1: Interrupt pending.
0
12
Tx FIFO overflow/underflow interrupt status
RO
Self-clearing bit.
1: Interrupt pending.
0
11:5
Reserved
RO
Reserved.
Table 67 •
WoL and MAC Interface Control, Address 27E2 (0x1B) (continued)
Bit
Name
Access Description
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com