Electronic Components Datasheet Search
  English  ▼

X  

WM9713L Datasheet(PDF) 59 Page - Wolfson Microelectronics plc

Part # WM9713L
Description  AC 97 Audio Touchpanel CODEC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713L Datasheet(HTML) 59 Page - Wolfson Microelectronics plc

Back Button WM9713L Datasheet HTML 55Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 56Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 57Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 58Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 59Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 60Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 61Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 62Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 63Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 108 page
background image
Pre-Production
WM9713L
w
PP Rev 3.0 June 2006
59
Figure 19 Pen Down Detection on 4-wire Touchpanel
Pen down detection uses a zero power comparator (effectively a CMOS logic gate) with an internal,
programmable pull-up resistor RPU that controls pen-down sensitivity. Increasing RPU makes the
touchpanel less sensitive to touch, while lowering RPU makes it more sensitive.
When the touchpanel is not being touched, no current flows in the circuit, and the PENDOWN signal
is low. When the panel is touched with a pen or finger, current flows through RPU and the panel, and
the comparator output goes high.
The PENDOWN signal can be read from bit 15 in register 7Ah (labeled PNDN). It can also be
observed on pin 46 (GPIO3 / PENDOWN), if the pin is not used for GPIO (GE3=0). Additionally,
PENDOWN is passed to the GPIO logic block (register 54h, bit 13), where it can generate CPU
interrupts, and / or to wake up the WM9713L from sleep mode (see “GPIO and Interrupt Control”
section).
Figure 20 Touch Pressure Measurement on 4-wire Touchpanel
Touch pressure can be determined indirectly by measuring the contact resistance RC between the
top and bottom plates. RC decreases as the touch pressure on the panel increases. The WM9713L
measures RC by sending a constant current IP through the touchpanel and measuring the potential
on each plate. The two values are subtracted in the digital domain to obtain the potential difference,
which is proportional to RC.
To suit different types of touchpanels, the magnitude of IP can be set to either 400
µA or 200µA using
the PIL control bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com