Electronic Components Datasheet Search
  English  ▼

X  

WM9713L Datasheet(PDF) 69 Page - Wolfson Microelectronics plc

Part # WM9713L
Description  AC 97 Audio Touchpanel CODEC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713L Datasheet(HTML) 69 Page - Wolfson Microelectronics plc

Back Button WM9713L Datasheet HTML 65Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 66Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 67Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 68Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 69Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 70Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 71Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 72Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 73Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 108 page
background image
Pre-Production
WM9713L
w
PP Rev 3.0 June 2006
69
NUMBERS
OF
ADCSEL[1:7]
BITS SET
CR SETTING
MAX DELAY
SETTING
1
00 (93.75Hz)
288
1
01 (120Hz)
288
1
10 (153.75Hz)
288
1
11 (187.5Hz)
256
2
00 (93.75Hz)
256
2
01 (120Hz)
192
2
10 (153.75Hz)
128
2
11 (187.5Hz)
128
3, 4
00 (93.75Hz)
96
3, 4
01 (120Hz)
96
3, 4
10 (153.75Hz)
64
3, 4
11 (187.5Hz)
48
5,6,7
00 (93.75Hz)
48
5,6,7
01 (120Hz)
48
5,6,7
10 (153.75Hz)
32
5,6,7
11 (187.5Hz)
16
1 (if COO=1)
00 (93.75Hz)
224
1 (if COO=1)
01 (120Hz)
192
1 (if COO=1)
10 (153.75Hz)
128
1 (if COO=1)
11 (187.5Hz)
96
2,3,4,5,6,7
(if COO=1)
00 (93.75Hz)
160
2,3,4,5,6,7
(if COO=1)
01 (120Hz)
128
2,3,4,5,6,7,8
(if COO=1)
10 (153.75Hz)
96
2,3,4,5,6,7,8
(if COO=1)
11 (187.5Hz)
64
Table 54 Maximum Delay Values
Setting DEL to ‘1111’ reduces the settling time to zero, i.e. measurements begin immediately. This
mode is intended for fast sampling on AUX inputs. It is NOT intended for touchpanel digitisation.
There are several side-effects when DEL is set to ‘1111’:
•
Co-ordinate mode does not work, i.e. the WM9713L behaves as if COO = 0, even if
COO = 1 (see “Measurement Types”)
•
If X / Y co-ordinate or touch pressure measurements are selected (ADCSEL = 001, 010
or 011), then the switch matrix is constantly on, and current constantly flows in the
touchpanel. This increases power consumption in the system, and is therefore not
recommended for battery powered systems
•
In continuous mode (CTC = 1), setting DEL = 1111 increases the sampling rate of the
touchpanel ADC (see “Initiation of Measurements”)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com