Electronic Components Datasheet Search
  English  ▼

X  

WM9713L Datasheet(PDF) 71 Page - Wolfson Microelectronics plc

Part # WM9713L
Description  AC 97 Audio Touchpanel CODEC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713L Datasheet(HTML) 71 Page - Wolfson Microelectronics plc

Back Button WM9713L Datasheet HTML 67Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 68Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 69Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 70Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 71Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 72Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 73Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 74Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 75Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 108 page
background image
Pre-Production
WM9713L
w
PP Rev 3.0 June 2006
71
ADDITIONAL FEATURES
AUXILIARY ADC INPUTS
The ADC used for touchpanel digitisation can also be used for the sole purpose of auxiliary
measurements, provided that it is enabled (register 78h, PRP = 11). The WM9713L has three pins
that can be used as auxiliary ADC inputs:
•
MIC2A / COMP1 / AUX1 (pin 29)
•
MIC2B / COMP2 / AUX2 (pin 30)
•
WIPER / AUX4 (pin 12)
Additionally, the speaker supply (SPKVDD) can be used as an auxillary ADC input through an on-
chip potential divider giving an input to the auxillary ADC of SPKVDD/3. This input is referred to as
the AUX3 input (see Figure 16).
Note that pin 12 connects to the wiper of a 5-wire touchpanel wiper function. Auxiliary measurements
taken on pin 12 are only meaningful when it is not connected to a touchpanel (i.e. a 4-wire
touchpanel, or no touchpanel at all, is used). Pins 29 and 30 are also used as comparator inputs (see
Battery Alarm and Battery Measurement), but auxiliary measurements can still be taken on these
pins at any time. The ADCSEL control bits select between different ADC inputs, as shown in Table
57.
The ADCSEL control bits determine which type of measurement is performed (see below). When
performing auxiliary conversions the co-ordinate mode bit, COO, should be off (0).
If CTC=0 then only one of the ADCSEL[7:1] bits should be set. If operating in continuous mode
(CTC=1), then more than one ADCSEL[7:1] bit may be set, and conversions will be performed
cyclically in the following order => “AUX1,AUX2,AUX3,AUX4…” – dependent on which bits are set.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
7
ADCSEL_AUX4
0
Enable AUX4 measurement (pin12)
6
ADCSEL_AUX3
0
Enable AUX3 measurement (SPKVDD)
5
ADCSEL_AUX2
0
Enable AUX2 measurement (pin30)
4
ADCSEL_AUX1
0
Enable AUX1 measurement (pin29)
74h
0
COO
0
Enable co-ordinate mode – for touchpanel
conversions only (see “Controlling the
Touchpanel Interface”)
Table 57 Auxiliary ADC Measurements
Auxiliary ADC measurements are initiated in the same way as touchpanel measurements, and the
data is returned in the same manner. Please refer to the “Controlling the Touchpanel Interface”
section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com