Electronic Components Datasheet Search
  English  ▼

X  

WM9713L Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM9713L
Description  AC 97 Audio Touchpanel CODEC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713L Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM9713L Datasheet HTML 1Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 2Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 3Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 4Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 5Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 6Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 7Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 8Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 108 page
background image
w
WM9713L
AC’97 Audio + Touchpanel CODEC
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews/
Pre-Production, June 2006, Rev 3.0
Copyright
2006 Wolfson Microelectronics plc
DESCRIPTION
The WM9713L is a highly integrated input/output device
designed for mobile computing and communications.
The chip is architected for dual CODEC operation, supporting
Hi-Fi stereo Codec functions via the AC link interface, and
additionally supporting voice Codec functions via a PCM type
Synchronous Serial Port (SSP). A third, auxiliary DAC is
provided which may be used to support generation of
supervisory tones, or ring-tones at different sample rates to the
main codec.
The device can connect directly to a 4-wire or 5-wire touch-
panel, mono or stereo microphones, stereo headphones and a
stereo speaker, reducing total component count in the system.
Cap-less connections to the headphones, speakers, and
earpiece may be used, saving cost and board area. Additionally,
multiple analog input and output pins are provided for seamless
integration with analog connected wireless communication
devices.
All device functions are accessed and controlled through a
single AC-Link interface compliant with the AC’97 standard.
The 24.576 MHz masterclock can be input directly or generated
internally from a 13MHz (or other frequency) clock by an on-chip
PLL.
The PLL supports a wide range of input clock from
2.048MHz to 78.6MHz.
The WM9713L operates at supply voltages from 1.8V to 3.6V.
Each section of the chip can be powered down under software
control to save power. The device is available in a small
leadless 7x7mm QFN package, ideal for use in hand-held
portable systems.
FEATURES
• AC’97 Rev 2.2 compatible stereo codec
- DAC SNR 94dB, THD –85dB
- ADC SNR 87dB, THD –86dB
- Variable Rate Audio, supports all WinCE sample rates
- Tone Control, Bass Boost and 3D Enhancement
• On-chip 45mW headphone driver
• On-chip 400mW mono or stereo speaker drivers
• Stereo, mono or differential microphone input
- Automatic Level Control (ALC)
- Mic insert and mic button press detection
• Auxiliary mono DAC (ring tone or DC level generation)
• Seamless interface to wireless chipset
• Resistive touchpanel interface
- Supports 4-wire and 5-wire panels
- 12-bit resolution, INL
±2 LSBs (<0.5 pixels)
- X, Y and touch-pressure (Z) measurement
- Pen-down detection supported in Sleep Mode
• Additional PCM/I2S interface to support voice CODEC
• PLL derived audio clocks.
• Supports input clock ranging from 2.048MHz to 78.6MHz
• 1.8V to 3.6V supplies (digital down to 1.62V, speaker up to
4.2V)
• 7x7mm 48-lead QFN package
APPLICATIONS
• Personal Digital Assistants (PDA) with or without phone
• Smartphones
• Handheld and Tablet Computers
BLOCK DIAGRAM


Similar Part No. - WM9713L

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM9713L WOLFSON-WM9713L Datasheet
1Mb / 111P
AC 97 AUDIO TOUCHPANEL CODEC
logo
Cirrus Logic
WM9713L CIRRUS-WM9713L Datasheet
2Mb / 133P
AC??7 Audio and Touchpanel Codec
logo
Wolfson Microelectronic...
WM9713LGEFL/RV WOLFSON-WM9713LGEFL/RV Datasheet
1Mb / 111P
AC 97 AUDIO TOUCHPANEL CODEC
WM9713LGEFL/V WOLFSON-WM9713LGEFL/V Datasheet
1Mb / 111P
AC 97 AUDIO TOUCHPANEL CODEC
More results

Similar Description - WM9713L

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4298 CIRRUS-CS4298 Datasheet
457Kb / 52P
SoundFusion Audio/Modem Codec 97 (AMC 97)
logo
Wolfson Microelectronic...
WM9713 WOLFSON-WM9713 Datasheet
1Mb / 111P
AC 97 AUDIO TOUCHPANEL CODEC
WM9712L WOLFSON-WM9712L Datasheet
725Kb / 77P
AC97 Audio and Touchpanel CODEC
logo
List of Unclassifed Man...
ES1921 ETC-ES1921 Datasheet
125Kb / 4P
AC 97 Rev 2.1 Audio CODEC
logo
Wolfson Microelectronic...
WM9714L WOLFSON-WM9714L_06 Datasheet
1Mb / 94P
AC 97 Audio CODEC
WM9715L WOLFSON-WM9715L Datasheet
906Kb / 77P
AC??7 Audio and Touchpanel CODEC
logo
Texas Instruments
SN74AVC6T622 TI-SN74AVC6T622 Datasheet
763Kb / 23P
AUDIO CODEC AC 97 VOLTAGE-TRANSLATION TRANSCEIVER
logo
Wolfson Microelectronic...
WM9712L WOLFSON-WM9712L_11 Datasheet
617Kb / 78P
AC??7 Audio and Touchpanel CODEC
logo
Analog Devices
AD1986A AD-AD1986A_15 Datasheet
366Kb / 56P
AC 97 and HD Audio SoundMAX Codec
REV. 0
logo
Cirrus Logic
WM9713L CIRRUS-WM9713L Datasheet
2Mb / 133P
AC??7 Audio and Touchpanel Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com