Electronic Components Datasheet Search
  English  ▼

X  

WM9713L Datasheet(PDF) 89 Page - Wolfson Microelectronics plc

Part # WM9713L
Description  AC 97 Audio Touchpanel CODEC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713L Datasheet(HTML) 89 Page - Wolfson Microelectronics plc

Back Button WM9713L Datasheet HTML 85Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 86Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 87Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 88Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 89Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 90Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 91Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 92Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 93Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 108 page
background image
Pre-Production
WM9713L
w
PP Rev 3.0 June 2006
89
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
15
V2H
1 (mute)
Mutes VXDAC to headphone mixer paths
14:12
V2HVOL
010 (0dB)
Controls gain of VXDAC to headphone mixer
paths
11
V2S
1 (mute)
Mutes VXDAC to speaker mixer path
10:8
V2SVOL
010 (0dB)
Controls gain of VXDAC to speaker mixer path
7
V2M
1 (mute)
Mutes VXDAC to mono mixer path
18h
6:4
V2MVOL
010 (0dB)
Controls gain of VXDAC to mono mixer path
Audio Mixers,
Side Tone
Control
Register 18h controls the output signal of the Voice DAC.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
15
A2H
1 (mute)
Mutes AUXDAC to headphone mixer paths
14:12
A2HVOL
010 (0dB)
Controls gain of AUXDAC to headphone mixer
paths
11
A2S
1 (mute)
Mutes AUXDAC to speaker mixer path
10:8
A2SVOL
010 (0dB)
Controls gain of AUXDAC to speaker mixer path
7
A2M
1 (mute)
Mutes AUXDAC to mono mixer path
1Ah
6:4
A2MVOL
010 (0dB)
Controls gain of AUXDAC to mono mixer path
Auxiliary DAC
Register 1Ah controls the output signal of the auxiliary DAC.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
15:14
MONO
00 (VMID)
MONO PGA input select: 00=Vmid; 01=no i/p (ZH
if buffer disabled); 10=MONOMIX; 11=INV1
13:11
SPKL
000 (VMID)
SPKL PGA input select: 000=Vmid; 001=no i/p (ZH
if buffer disabled); 010=HPMIXL; 011=SPKMIX;
100=INV1; 101-111=unused
10:8
SPKR
000 (VMID)
SPKR PGA input select: 000=Vmid; 001=no i/p (ZH
if buffer disabled); 010=HPMIXR; 011=SPKMIX;
100=INV2; 101-111=unused
7:6
HPL
00 (VMID)
HPL PGA input select: 00=Vmid; 01=no i/p (ZH if
buffer disabled); 10=HPMIXL; 11=unused
5:4
HPR
00 (VMID)
HPR PGA input select: 00=Vmid; 01=no i/p (ZH if
buffer disabled); 10=HPMIXR; 11=unused
3:2
OUT3
00 (VMID)
OUT3 PGA input select: 00=Vmid; 01=no i/p (ZH if
buffer disabled); 10=INV1; 11=unused
1Ch
1:0
OUT4
00 (VMID)
OUT4 PGA input select: 00=Vmid; 01=no i/p (ZH if
buffer disabled); 10=INV2; 11=unused
Analogue
Audio Outputs
Register 1Ch controls the inputs to the output PGAs.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
15:13
INV1
000 (ZH)
INV1 input select: 000=ZH (OFF – no source
selected); 001=MONOMIX; 010=SPKMIX;
011=HPMIXL; 100=HPMIXR; 101=HPMIXMONO;
110=unused; 111=Vmid
12:10
INV2
000 (ZH)
INV2 input select: 000=ZH (OFF – no source
selected); 001=MONOMIX; 010=SPKMIX;
011=HPMIXL; 100=HPMIXR; 101=HPMIXMONO;
110=unused; 111=Vmid
5
3DLC
0 (low)
Selects lower cut-off frequency
4
3DUC
0 (high)
Selects upper cut-off frequency
1Eh
3:0
3DDEPTH
0000 (0%)
Controls depth of 3D effect
Audio DACs,
3D Stereo
Enhancement;
Analogue
Audio Outputs
Register 1Eh controls 3D stereo enhancement for the audio DACs and input muxes to the output inverters INV1 and INV2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com