Electronic Components Datasheet Search
  English  ▼

X  

WM9713L Datasheet(PDF) 20 Page - Wolfson Microelectronics plc

Part # WM9713L
Description  AC 97 Audio Touchpanel CODEC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713L Datasheet(HTML) 20 Page - Wolfson Microelectronics plc

Back Button WM9713L Datasheet HTML 16Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 17Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 18Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 19Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 20Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 21Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 22Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 23Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 24Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 108 page
background image
WM9713L
Pre-Production
w
PP Rev 3.0 June 2006
20
Figure 4 AC-Link Interface (typical case with BITCLK generated by the AC97 codec)
The SDATAIN and SDATAOUT signals each carry 13 time-division multiplexed data streams (slots 0
to 12). A complete sequence of slots 0 to 12 is referred to as an AC-Link frame, and contains a total
of 256 bits. The frame rate is 48kHz. This makes it possible to simultaneously transmit and receive
multiple data streams (e.g. audio, touchpanel, AUXDAC, control) at sample rates up to 48kHz.
Detailed information can be found in the AC’97 (Revision 2.2) specification, which can be obtained at
www.intel.com/design/chipsets/audio/
Note:
SDATAOUT and SYNC must be held low when RESETB is applied. These signals must be held low
for the entire duration of the RESETB pulse and especially during the low-to-high transition of
RESETB. If SDATAOUT or SYNC is high during reset, the WM9713L may enter test modes.
Information relating to this operation is available in the AC'97 specification or in Wolfson applications
note WAN-0104 available at www.wolfsonmirco.com.
PCM INTERFACE
OPERATION
WM9713L can implement a PCM voice codec function using the dedicated VXDAC and either one or
both of the existing hi-fi ADC’s. In PCM codec mode, VXDAC input and ADC output are interfaced
via a PCM style port via GPIO pins.
This interface can support one ADC channel, or stereo/dual ADC channels if required, (two channels
of data are sent per PCM frame as back to back words).
In voice only mode, the AC link is used only for control information, not audio data. Therefore it will
generally be shut down (PR4=1), except when control data must be sent.
The PCM interface makes use of 4 of the GPIO interface pins, for clock, frame, and data in/out. If the
PCM codec function is not enabled then the GPIO pins may be used for other functions.
INTERFACE PROTOCOL
The WM9713L PCM audio interface is used for the input of data to the Voice DAC and the output of
data from the Stereo ADC. When enabled, the PCM audio interface uses four GPIO pins:
•
GPIO1/PCMCLK: Bit clock
•
GPIO3/PCMFS: Frame Sync
•
GPIO4/PCMDAC: Voice DAC data input
•
GPIO5/PCMADC: Stereo ADC data output
Depending on the mode of operation (see “PCM Interface Modes”), at least one of these four pins
must be set up as an output by writing to register 4Ch (see Table 62). When not enabled the GPIOs
may be used for other functions on the WM9713L.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com