Electronic Components Datasheet Search
  English  ▼

X  

WM9713L Datasheet(PDF) 65 Page - Wolfson Microelectronics plc

Part # WM9713L
Description  AC 97 Audio Touchpanel CODEC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713L Datasheet(HTML) 65 Page - Wolfson Microelectronics plc

Back Button WM9713L Datasheet HTML 61Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 62Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 63Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 64Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 65Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 66Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 67Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 68Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 69Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 108 page
background image
Pre-Production
WM9713L
w
PP Rev 3.0 June 2006
65
CONVERSION RATE
As stated previously the conversion rate is specified by the CR bits (reg 76h).
CR may be set to 93.75Hz (every 512 AC-Link Frames), 120Hz (every 400 AC-Link Frames),
153.75Hz (every 312 AC-Link frames) or 187.5Hz (every 256 AC-Link frames).
If only one ADRSEL[7:1] bit is set then each individual conversion occurs at the rate specified by
CR.
If multiple ADRSEL[7:1] bits are set then the complete set of conversions requested is completed at
the rate specified by CR.
DATA READBACK
This data is stored in register 7Ah, and can be retrieved by reading the register in the usual manner
(see AC-Link Interface section). Additionally, the data can also be passed to the controller on one of
the AC-Link time slots not used for audio functions.
The output data word of the touchpanel interface consists of three parts:
•
Pen Status (1 bit) – this is also passed to the GPIO logic block, which can be
programmed to generate an interrupt and/or wake up the WM9713L on pen down
(see GPIO and Interrupt Control).
•
Output data from the touchpanel ADC (12 bits)
•
ADCSRC: 3 additional bits that indicate the source of the ADC data. In co-ordinate
mode (COO = ‘1’), the WM9713L schedules different types of measurements
autonomously and so these register bits may be required.
If the data is being read back using the polling method, there are several ways to determine when a
measurement has finished:
•
Reading back the POLL bit. If it has been reset to ‘0’, then the measurement has finished.
•
Monitoring the ADA signal, see GPIO and interrupt section. ADA goes high after every
single conversion. If operating in co-ordinate mode (COO=1) then ADA goes high after
every group of 3 conversions.
•
Reading back 7Ah until the new data appears



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com