Electronic Components Datasheet Search
  English  ▼

X  

WM9713L Datasheet(PDF) 79 Page - Wolfson Microelectronics plc

Part # WM9713L
Description  AC 97 Audio Touchpanel CODEC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713L Datasheet(HTML) 79 Page - Wolfson Microelectronics plc

Back Button WM9713L Datasheet HTML 75Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 76Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 77Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 78Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 79Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 80Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 81Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 82Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 83Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 108 page
background image
Pre-Production
WM9713L
w
PP Rev 3.0 June 2006
79
POWER MANAGEMENT
INTRODUCTION
The WM9713L includes the standard power down control register defined by the AC’97 specification
(register 26h). Additionally, it also allows more specific control over the individual blocks of the device
through register Powerdown registers 3Ch and 3Eh. Each particular circuit block is active when both
the relevant bit in register 26h AND the relevant bit in the Powerdown registers 3Ch and 3Eh are set
to ‘0’.
Note that the default power-up condition is all OFF.
AC97 CONTROL REGISTER
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
14
PR6
1 (OFF)
Disables all output PGAS
13
PR5
1 (OFF)
Disables internal clock
12
PR4
1 (OFF)
Disables AC-link interface (external clock off)
11
PR3
1 (OFF)
Disables VREF, input PGAs, DACs, ADCs,
mixers and outputs
10
PR2
1 (OFF)
Disables input PGAs and mixers
9
PR1
1 (OFF)
Disables stereo DAC
8
PR0
1 (OFF)
Disables stereo ADCs and record mux PGA
3
REF
0
Read-only bit, indicates VREF is ready (inverse
of PR3)
2
ANL
0
Read-only bit, indicates analogue mixers are
ready (inverse of PR2)
1
DAC
0
Read-only bit, indicates stereo DAC is ready
(inverse of PR1)
26h
Powerdown/
Status
register
0
ADC
0
Read-only bit, indicates stereo ADC is ready
(inverse of PR0)
Table 64 Powerdown and Status Register (Conforms to AC’97 Rev 2.2)
EXTENDED POWERDOWN REGISTERS
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
15
PADCPD
1 (OFF)
Disables touchpanel/aux ADC
14
VMID1M
1 (OFF)
Disables 1Meg Vmid resistor string
13
TSHUT
1 (OFF)
Disables thermal shutdown
12
VXDAC
1 (OFF)
Disables VXDAC
11
AUXDAC
1 (OFF)
Disables AUXDAC
10
VREF
1 (OFF)
Disables master bias reference generator
9
PLL
1 (OFF)
Disables PLL
7
DACL
1 (OFF)
Disables left DAC (see Note 1)
6
DACR
1 (OFF)
Disables right DAC (see Note 1)
5
ADCL
1 (OFF)
Disables left ADC
4
ADCR
1 (OFF)
Disables right ADC
3
HPLX
1 (OFF)
Disables left headphone mixer
2
HPRX
1 (OFF)
Disables right headphone mixer
1
SPKX
1 (OFF)
Disables speaker mixer
3Ch
Powerdown
(1)
0
MX
1 (OFF)
Disables mono mixer
Note: When analogue inputs or outputs are disabled, they are internally connected to VREF
through a large resistor (VREF=AVDD/2 except when VREF and VMID1M are both OFF). This
maintains the potential at that node and helps to eliminate pops when the pins are re-enabled.
Table 65 Extended Power Down Register (1) (Additional to AC’97 Rev 2.2)
Note:
1.
When disabling a PGA, always ensure that it is muted first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com