Electronic Components Datasheet Search
  English  ▼

X  

WM9713L Datasheet(PDF) 95 Page - Wolfson Microelectronics plc

Part # WM9713L
Description  AC 97 Audio Touchpanel CODEC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713L Datasheet(HTML) 95 Page - Wolfson Microelectronics plc

Back Button WM9713L Datasheet HTML 91Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 92Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 93Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 94Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 95Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 96Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 97Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 98Page - Wolfson Microelectronics plc WM9713L Datasheet HTML 99Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 108 page
background image
Pre-Production
WM9713L
w
PP Rev 3.0 June 2006
95
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER
TO
4Ch
all 1 (all inputs)
except unused
bits
Controls GPIO configuration as inputs or as outputs
(note: virtual GPIOs can only be inputs)
4Eh
all 1
Controls GPIO polarity (actual polarity depends on
register 4Ch AND register 4Eh)
50h
all 0 (not sticky)
Makes GPIO signals sticky
52h
all 0 (OFF)
Enables wake-up for each GPIO signal
54h
= status of GPIO
inputs
GPIO pin status (read from inputs, write ‘0’ to clear
sticky bits)
15
Controls Comparator 1 signal (virtual GPIO)
14
Controls Comparator 2 signal (virtual GPIO)
13
Controls Pen-Down Detector signal (virtual GPIO)
12
Controls ADA signal (virtual GPIO)
11
Controls Thermal sensor signal (virtual GPIO)
10
Controls Microphone short detect (virtual GPIO)
9
Controls Microphone insert detect (virtual GPIO)
8
Controls GPIO8 (pin 3)
7
Controls GPIO7 (pin 11)
6
Controls GPIO6 (pin 12)
5
Controls GPIO5 (pin 48)
4
Controls GPIO4 (pin 47)
3
Controls GPIO3 (pin 46)
2
Controls GPIO2 (pin 45)
1
please refer
to the
register map
Controls GPIO1 (pin 44)
GPIO and
Interrupt
Control
Register 4Ch to 54h control the GPIO pins and virtual GPIO signals.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
8
GE8
1 (GPIO)
Selects between GPIO8 and SPDIF_OUT function
for pin 12
7
GE7
1 (GPIO)
Selects between GPIO7 and PENDOWN function
for pin 11
6
GE6
1 (GPIO)
Selects between GPIO6 and ADA/MASK functions
for pin 3
5
GE5
1 (GPIO)
Selects between GPIO5 and SPDIF_OUT function
for pin 48
4
GE4
1 (GPIO)
Selects between GPIO4 and ADA/MASK functions
for pin 47
3
GE3
1 (GPIO)
Selects between GPIO3 and PENDOWN function
for pin 46
56h
2
GE2
1 (GPIO)
Selects between GPIO2 and IRQ function for pin 45
GPIO and
Interrupt
Control
Register 56h controls the use of GPIO pins for non-GPIO functions.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
15:8
PU
01000000
Enables weak pull-up on GPIO pins (1=On)
58h
7:0
PD
00000000
Enables weak pull-down on GPIO pins (1=On)
GPIO and
Interrupt
Control
Register 56h controls GPIO pull-up/down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com