Electronic Components Datasheet Search
  English  ▼

X  

TMP144 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TMP144
Description  TMP144 Low-Power, Digital Temperature Sensor With SMAART Wire™ / UART Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP144 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMP144 Datasheet HTML 33Page - Texas Instruments TMP144 Datasheet HTML 34Page - Texas Instruments TMP144 Datasheet HTML 35Page - Texas Instruments TMP144 Datasheet HTML 36Page - Texas Instruments TMP144 Datasheet HTML 37Page - Texas Instruments TMP144 Datasheet HTML 38Page - Texas Instruments TMP144 Datasheet HTML 39Page - Texas Instruments TMP144 Datasheet HTML 40Page - Texas Instruments TMP144 Datasheet HTML 41Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
4X
0.23 0.02
(0.4) TYP
(0.4) TYP
(
)
METAL
0.23
0.05 MAX
SOLDER MASK
OPENING
METAL
UNDER
MASK
(
)
SOLDER MASK
OPENING
0.23
0.05 MIN
4219460/A 02/2014
DSBGA - 0.625 mm max height
YFF0004
DIE SIZE BALL GRID ARRAY
NOTES: (continued)
4. Final dimensions may vary due to manufacturing tolerance considerations and also routing constraints.
For more information, see Texas Instruments literature number SBVA017 (www.ti.com/lit/sbva017).
SOLDER MASK DETAILS
NOT TO SCALE
SYMM
SYMM
LAND PATTERN EXAMPLE
SCALE:50X
1
2
A
B
NON-SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK
DEFINED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com