Electronic Components Datasheet Search
  English  ▼

X  

TMP144 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMP144
Description  TMP144 Low-Power, Digital Temperature Sensor With SMAART Wire™ / UART Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP144 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMP144 Datasheet HTML 17Page - Texas Instruments TMP144 Datasheet HTML 18Page - Texas Instruments TMP144 Datasheet HTML 19Page - Texas Instruments TMP144 Datasheet HTML 20Page - Texas Instruments TMP144 Datasheet HTML 21Page - Texas Instruments TMP144 Datasheet HTML 22Page - Texas Instruments TMP144 Datasheet HTML 23Page - Texas Instruments TMP144 Datasheet HTML 24Page - Texas Instruments TMP144 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
7.6.1 Temperature Result Register (P[1:0] = 00) [reset = 0000h]
The temperature result register stores the results of the conversion in 12-bit or 13-bit format, depending on the
state of the ETM bit in the configuration register. Negative numbers are represented in two's complement format.
Following power-up or reset the temperature result register reads 0°C, until the first conversion is complete.
When the ETM bit is configured as '0', the temperature result register of the device is configured as 12-bit value
with the least significant bit always reading '0'. One LSB for the temperature result equals 0.0625°C.
Table 7-6. Temperature Result Register (ETM = 0)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
T[11:0]
EM
Reserved
R-000h
R-0
R-0h
Table 7-7. Temperature Result Register (ETM = 0) Field Description
Bit
Field
Type
Reset
Description
15:4
T[11:0]
R
000h
12-bit temperature result after last conversion
3
EM
R
0
Extended mode bit
2:0
Reserved
R
0h
Reserved
When the ETM bit is configured as '1', the temperature result register of the device is configured as 13-bit value.
One LSB for the temperature result equals 0.0625°C.
Table 7-8. Temperature Result Register (ETM = 1)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
T[12:0]
Reserved
R-0000h
R-0h
Table 7-9. Temperature Result Register (ETM = 1) Field Description
Bit
Field
Type
Reset
Description
15:13
T[12:0]
R
0000h
13-bit temperature result after last conversion
2:0
Reserved
R
0h
Reserved
7.6.2 Configuration Register (P[1:0] = 01) [reset = 0200h]
The configuration register is used to store bits that control the operational modes of the temperature sensors and
read the status of alert flags. Read/write operations are performed LSB first.
Return to Register Map.
Table 7-10. Configuration Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
INT_E
N
CR[1:0]
FH
FL
LC
M[1:0]
ETM
Reserved
R/W-0
R/W-0
R-0
R-0
R/W-0
R/W-10
R/W-0
R-00h
Table 7-11. Configuration Register Field Description
Bit
Field
Type
Reset
Description
15
INT_EN
R/W
0
Interrupt enable bit
0 = Interrupt is disabled
1 = Interrupt is enabled
14:13
CR[1:0]
R/W
0
Conversion rate select
00 = 0.25 Hz conversion rate (default)
01 = 1 Hz conversion rate
10 = 4 Hz conversion rate
11 = 8 Hz conversion rate
www.ti.com
TMP144
SBOS891C – OCTOBER 2018 – REVISED SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMP144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com