Electronic Components Datasheet Search
  English  ▼

X  

TMP144 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TMP144
Description  TMP144 Low-Power, Digital Temperature Sensor With SMAART Wire™ / UART Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP144 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMP144 Datasheet HTML 15Page - Texas Instruments TMP144 Datasheet HTML 16Page - Texas Instruments TMP144 Datasheet HTML 17Page - Texas Instruments TMP144 Datasheet HTML 18Page - Texas Instruments TMP144 Datasheet HTML 19Page - Texas Instruments TMP144 Datasheet HTML 20Page - Texas Instruments TMP144 Datasheet HTML 21Page - Texas Instruments TMP144 Datasheet HTML 22Page - Texas Instruments TMP144 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
As shown in Figure 7-15, an individual device read command is indicated by C[0] = 1. As shown in Figure 7-16,
the TMP144 in the daisy-chain that corresponds to the device ID pointed by bits C[6:3] then breaks the bus,
transmits the data from the register pointed by bits C[2:1], and reconnects the bus.
GLBL
IN3/ID3
IN2/ID2
IN1/ID1
IN0/ID0
P1
P0
R/W
ID0
ID1
ID2
ID3
0
1
P0
P1
S
P
0
1
0
1
0
1
0
1
S
P
Calibration Byte (55h)
Command Byte
D11
D12
D13
D14
D15
D8
D9
D10
S
P
D3
D4
D5
D6
D7
D0
D1
D2
S
P
Device-1 Data Byte-1
Device-1 Data Byte-2
Host TX
Host RX
Host TX
Host RX
ID0
ID1
ID2
ID3
0
1
P0
P1
S
P
0
1
0
1
0
1
0
1
S
P
Devices
in Pass
Through
Figure 7-15. Individual Read Command Flow
Host
Device
(1)
Device
(2)
Device
(N)
RX
TX
Interface Logic
Interface Logic
Interface Logic
RX
RX
RX
TX
TX
TX
Figure 7-16. TMP144 Daisy-Chain: Bus Status During Individual Read Operation of Second Device
www.ti.com
TMP144
SBOS891C – OCTOBER 2018 – REVISED SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TMP144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com