Electronic Components Datasheet Search
  English  ▼

X  

TMP144 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TMP144
Description  TMP144 Low-Power, Digital Temperature Sensor With SMAART Wire™ / UART Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP144 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMP144 Datasheet HTML 12Page - Texas Instruments TMP144 Datasheet HTML 13Page - Texas Instruments TMP144 Datasheet HTML 14Page - Texas Instruments TMP144 Datasheet HTML 15Page - Texas Instruments TMP144 Datasheet HTML 16Page - Texas Instruments TMP144 Datasheet HTML 17Page - Texas Instruments TMP144 Datasheet HTML 18Page - Texas Instruments TMP144 Datasheet HTML 19Page - Texas Instruments TMP144 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
As shown in Figure 7-8, the host must send the initialization command (C[7:0] = 10001100) for the bus to
program its internal address, depending on the number of devices on the bus.
GLBL
IN3/ID3
IN2/ID2
IN1/ID1
IN0/ID0
P1
P0
R/W
1
0
0
0
1
0
0
1
S
P
0
1
0
1
0
1
0
1
S
P
Calibration Byte (55h)
Command Byte
Address Assignment Command (90h)
0
1
0
0
1
1
0
0
S
P
Device 1 (TX) Device 2 (RX)
Host TX
Device-1
TX
Device-2
TX
Host TX
Device-1
TX
Device-2
TX
0
1
0
0
1
0
0
0
S
P
0
1
0
0
1
0
1
0
S
P
Device 2 (TX) Device 3 (RX)
Host TX
Device-1
TX
Device-2
TX
1
0
0
0
1
0
0
1
S
P
0
1
0
1
0
1
0
1
S
P
1
0
0
0
1
0
0
1
S
P
0
1
0
1
0
1
0
1
S
P
Devices
in Pass
Through
Figure 7-8. Global Initialization and Address Assignment Command Flow
Each TMP144 in the chain interprets the initialization command byte and disconnects the chain, as shown in
Figure 7-9.
Host
Device
(1)
Device
(2)
Device
(N)
RX
TX
Interface Logic
Interface Logic
Interface Logic
RX
RX
RX
TX
TX
TX
Figure 7-9. TMP144 Daisy-Chain: Bus Status at Start of Address Assignment
The host must then send the address assignment command, consisting of C[7:4] = 1001 and C[3:0] = 0000,
where C[3:0] represents the address of the first device in the chain. This word is stored internally as its device
ID. The first device increments the unit in the device address and then reconnects the bus, as shown in Figure
7-10. This address is then sent to the next device in the chain.
TMP144
SBOS891C – OCTOBER 2018 – REVISED SEPTEMBER 2023
www.ti.com
16
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMP144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com