Electronic Components Datasheet Search
  English  ▼

X  

TMP144 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TMP144
Description  TMP144 Low-Power, Digital Temperature Sensor With SMAART Wire™ / UART Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP144 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMP144 Datasheet HTML 14Page - Texas Instruments TMP144 Datasheet HTML 15Page - Texas Instruments TMP144 Datasheet HTML 16Page - Texas Instruments TMP144 Datasheet HTML 17Page - Texas Instruments TMP144 Datasheet HTML 18Page - Texas Instruments TMP144 Datasheet HTML 19Page - Texas Instruments TMP144 Datasheet HTML 20Page - Texas Instruments TMP144 Datasheet HTML 21Page - Texas Instruments TMP144 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
A global read command is indicated by C[0] = 1. As shown in Figure 7-13, the TMP144 with the device ID of
0000 then breaks the bus connection, transmits the data from the register indicated by bits C[2:1] (corresponding
to data register pointer P[1:0]), and then reconnects the bus. The TMP144 with the device ID of 0001 then
repeats the same sequence, followed by the rest of the TMP144 devices in the daisy-chain.
GLBL
IN3/ID3
IN2/ID2
IN1/ID1
IN0/ID0
P1
P0
R/W
0
1
1
1
1
1
P0
P1
S
P
0
1
0
1
0
1
0
1
S
P
Calibration Byte (55h)
Command Byte
D11
D12
D13
D14
D15
D8
D9
D10
S
P
D3
D4
D5
D6
D7
D0
D1
D2
S
P
Device-1 Data Byte-1
Device-1 Data Byte-2
Host TX
Host RX
Host TX
Host RX
D11
D12
D13
D14
D15
D8
D9
D10
S
P
D3
D4
D5
D6
D7
D0
D1
D2
S
P
Device-2 Data Byte-1
Device-2 Data Byte-2
Host TX
Host RX
0
1
1
1
1
1
P0
P1
S
P
0
1
0
1
0
1
0
1
S
P
Devices
in Pass
Through
Figure 7-13. Global Read Command Flow
Table 7-3. Pointer Addresses
P1
P0
REGISTER
0
0
Temperature register (read-only)
0
1
Configuration register (read/write)
1
0
TLOW register (read/write)
1
1
THIGH register (read/write)
7.5.6 Individual Read and Write
The host can initiate an individual read and write command to a particular TMP144 device in the daisy-chain by
sending the read/write command. The read/write command consists of these parameters:
• C[7] = 0 (Individual device access)
• C[6:3] = the device ID (ID[3:0])
• C[2:1] = the data register pointer (P[1:0]); see Table 7-3
• C[0] = indicates read/write control
As shown in Figure 7-14, an individual device write command is indicated by C[0] = 0. The host must transfer
at least one more byte of data for the register indicated by bits C[2:1]. The TMP144 in the daisy-chain that
corresponds to the device ID noted by bits C[6:3] then updates the appropriate register.
GLBL
IN3/ID3
IN2/ID2
IN1/ID1
IN0/ID0
P1
P0
R/W
ID0
ID1
ID2
ID3
0
0
P0
P1
S
P
0
1
0
1
0
1
0
1
S
P
Calibration Byte (55h)
Command Byte
D11
D12
D13
D14
D15
D8
D9
D10
S
P
D3
D4
D5
D6
D7
D0
D1
D2
S
P
Host Data Byte-1
Host Data Byte-2
Figure 7-14. Individual Write Command Flow
TMP144
SBOS891C – OCTOBER 2018 – REVISED SEPTEMBER 2023
www.ti.com
18
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMP144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com