Electronic Components Datasheet Search
  English  ▼

X  

TMP144 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TMP144
Description  TMP144 Low-Power, Digital Temperature Sensor With SMAART Wire™ / UART Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP144 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TMP144 Datasheet HTML 25Page - Texas Instruments TMP144 Datasheet HTML 26Page - Texas Instruments TMP144 Datasheet HTML 27Page - Texas Instruments TMP144 Datasheet HTML 28Page - Texas Instruments TMP144 Datasheet HTML 29Page - Texas Instruments TMP144 Datasheet HTML 30Page - Texas Instruments TMP144 Datasheet HTML 31Page - Texas Instruments TMP144 Datasheet HTML 32Page - Texas Instruments TMP144 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.0375 MIN
0.0375 MAX
4X (
0.23)
(0.2) TYP
(0.2) TYP
(
0.23)
SOLDER MASK
OPENING
(
0.23)
METAL
4228953/A 08/2022
DSBGA - 0.31 mm max height
YBK0004-C01
DIE SIZE BALL GRID ARRAY
NOTES: (continued)
3. Final dimensions may vary due to manufacturing tolerance considerations and also routing constraints.
See Texas Instruments Literature No. SNVA009 (www.ti.com/lit/snva009).
SOLDER MASK DETAILS
NOT TO SCALE
SYMM
SYMM
1
2
A
B
EXPOSED METAL SHOWN
LAND PATTERN EXAMPLE
SCALE: 60X
NON-SOLDER MASK
DEFINED
EXPOSED
METAL
SOLDER MASK
OPENING
SOLDER MASK
DEFINED
(PREFERRED)
METAL UNDER
SOLDER MASK
EXPOSED
METAL
www.ti.com
TMP144
SBOS891C – OCTOBER 2018 – REVISED SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: TMP144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com