Electronic Components Datasheet Search
  English  ▼

X  

TMP144 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMP144
Description  TMP144 Low-Power, Digital Temperature Sensor With SMAART Wire™ / UART Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP144 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP144 Datasheet HTML 9Page - Texas Instruments TMP144 Datasheet HTML 10Page - Texas Instruments TMP144 Datasheet HTML 11Page - Texas Instruments TMP144 Datasheet HTML 12Page - Texas Instruments TMP144 Datasheet HTML 13Page - Texas Instruments TMP144 Datasheet HTML 14Page - Texas Instruments TMP144 Datasheet HTML 15Page - Texas Instruments TMP144 Datasheet HTML 16Page - Texas Instruments TMP144 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
Interface Logic
RX
TX
Interface Logic
RX
TX
Interface Logic
RX
TX
Host
RX
TX
Device(1)
Device(2)
Device(N)
Figure 7-3. TMP144 Daisy-Chain: Bus Status During an Interrupt Request (Logic Low) From Second
Device
The interrupt on the bus is latched regardless of the status of LC. Writing a 1 to INT_EN automatically sets the
LC bit. The TMP144 holds the bus low until one of the following events happen:
• Global Interrupt Clear command is received.
• Global Software Reset command is received.
• A power-on reset event occurs.
Each of these events clears the INT_EN. The TMP144 does not issue future interrupts until the host writes sets
the INT_EN in the configuration register to re-enable future interrupts.
In a system with enabled interrupts, it is possible for a TMP144 on the bus to issue an interrupt at the same
time that the host starts a communication sequence. To avoid this scenario, TI recommends that the host should
check the status on the receiving side of the bus after transmitting the calibration byte. If it is 1, then the host can
continue with the communication. If it is 0, one of the TMP144 devices on the bus is issuing an alert and the host
must transmit a Global Interrupt Clear command.
www.ti.com
TMP144
SBOS891C – OCTOBER 2018 – REVISED SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TMP144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com