Electronic Components Datasheet Search
  English  ▼

X  

TMP144 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TMP144
Description  TMP144 Low-Power, Digital Temperature Sensor With SMAART Wire™ / UART Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP144 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMP144 Datasheet HTML 16Page - Texas Instruments TMP144 Datasheet HTML 17Page - Texas Instruments TMP144 Datasheet HTML 18Page - Texas Instruments TMP144 Datasheet HTML 19Page - Texas Instruments TMP144 Datasheet HTML 20Page - Texas Instruments TMP144 Datasheet HTML 21Page - Texas Instruments TMP144 Datasheet HTML 22Page - Texas Instruments TMP144 Datasheet HTML 23Page - Texas Instruments TMP144 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
7.6 Register Maps
Figure 7-17 shows the internal register structure of the TMP144. Communications between the registers are
transferred through the interface in LSB-first order. The 8-bit command register as shown in , is used to
determine the address pointer for the register that the host device wants to access.
I/O
Control
Interface
Temperature
Register
Configuration
Register
Temperature Low
Limit Register
Temperature High
Limit Register
Command
Register
RX
TX
Figure 7-17. Internal Register Structure
Table 7-4. Register Map
ADDRESS
POINTER P[1:0]
TYPE
RESET
ACRONYM
REGISTER NAME
SECTION
00
R
0000h
Temp_Result
Temperature result register
Go
01
R/W
0200h
Configuration
Configuration Register
Go
10
R/W
3C00h
Tlow_limit
Temperature low limit register
Go
11
R/W
F600h
Thigh_limit
Temperature high limit register
Go
Table 7-5. Register Section/Block Access Type Codes
Access Type
Code
Description
Read Type
R
R
Read
RC
R
Read
C
to Clear
R-0
R
Read
-0
Returns 0s
Write Type
W
W
Write
W0CP
W
W
0C
0 to clear
P
Requires privileged access
Reset or Default Value
-n
Value after reset or the default value
TMP144
SBOS891C – OCTOBER 2018 – REVISED SEPTEMBER 2023
www.ti.com
20
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMP144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com