Electronic Components Datasheet Search
  English  ▼

X  

TMP144 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TMP144
Description  TMP144 Low-Power, Digital Temperature Sensor With SMAART Wire™ / UART Interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP144 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMP144 Datasheet HTML 13Page - Texas Instruments TMP144 Datasheet HTML 14Page - Texas Instruments TMP144 Datasheet HTML 15Page - Texas Instruments TMP144 Datasheet HTML 16Page - Texas Instruments TMP144 Datasheet HTML 17Page - Texas Instruments TMP144 Datasheet HTML 18Page - Texas Instruments TMP144 Datasheet HTML 19Page - Texas Instruments TMP144 Datasheet HTML 20Page - Texas Instruments TMP144 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
Interface Logic
RX
TX
Interface Logic
RX
TX
Interface Logic
RX
TX
Host
RX
TX
Device(1)
Device(2)
Device(N)
Figure 7-10. TMP144 Daisy-Chain: Bus Status After First Device Address Assignment
After all devices on the chain have received the respective addresses, the host receives the last programmed
address on the chain + 1. The host can use this information to determine the total number of devices in the chain
and the respective address of each device.
After the initialization sequence, every device can be addressed individually or through global commands. This
global initialization sequence is a requirement and must be performed before any other communication.
7.5.4 Global Clear Interrupt
The host can initiate a global clear interrupt command (C[7:0] = 10101001) to all TMP144 devices in the
daisy-chain as shown in Figure 7-11. Upon receiving this command, the TMP144 disables future interrupts
(bit-11 in the Configuration Register is set to 0). If a TMP144 previously broke the bus connection and sent
an interrupt (logic low on the bus), the device now stops holding the bus low. The device sends the baud rate
calibration command and clear interrupt command to the next TMP144 in the chain, then reconnects the bus.
In the case of multiple devices having active interrupts, the clear interrupt command propagates through the
daisy-chain, disables all interrupts, and reconnects the bus across all devices.
GLBL
IN3/ID3
IN2/ID2
IN1/ID1
IN0/ID0
P1
P0
R/W
1
0
1
0
1
1
0
0
S
P
0
1
0
1
0
1
0
1
S
P
Calibration Byte (55h)
Command Byte
Figure 7-11. Global Clear Interrupt Command Flow
7.5.5 Global Read and Write
The host can initiate a global read or write command to all TMP144s in the daisy-chain by sending the read/write
command, consisting of C[7:3] = 11110 and C[2:1] to indicate the data register pointer P[1:0], as shown in Table
7-3. A global write command is indicated by C[0] = 0. The host must transfer at least one more byte of data for
the register, and every TMP144 in the daisy-chain updates the appropriate register as shown in Figure 7-12.
GLBL
IN3/ID3
IN2/ID2
IN1/ID1
IN0/ID0
P1
P0
R/W
0
1
1
1
1
0
P0
P1
S
P
0
1
0
1
0
1
0
1
S
P
Calibration Byte (55h)
Command Byte
D11
D12
D13
D14
D15
D8
D9
D10
S
P
D3
D4
D5
D6
D7
D0
D1
D2
S
P
Data Byte-1
Data Byte-2
Figure 7-12. Global Write Command Flow
www.ti.com
TMP144
SBOS891C – OCTOBER 2018 – REVISED SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TMP144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com