Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA162 Datasheet(PDF) 74 Page - ATMEL Corporation

Part # ATMEGA162
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  325 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA162 Datasheet(HTML) 74 Page - ATMEL Corporation

Back Button ATMEGA162 Datasheet HTML 70Page - ATMEL Corporation ATMEGA162 Datasheet HTML 71Page - ATMEL Corporation ATMEGA162 Datasheet HTML 72Page - ATMEL Corporation ATMEGA162 Datasheet HTML 73Page - ATMEL Corporation ATMEGA162 Datasheet HTML 74Page - ATMEL Corporation ATMEGA162 Datasheet HTML 75Page - ATMEL Corporation ATMEGA162 Datasheet HTML 76Page - ATMEL Corporation ATMEGA162 Datasheet HTML 77Page - ATMEL Corporation ATMEGA162 Datasheet HTML 78Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 325 page
background image
74
ATmega162/V
2513I–AVR–02/07
OC3B, Output Compare Match B output: The PB4 pin can serve as an external output
for the Timer/Counter3 Output Compare B. The pin has to be configured as an output
(DDB4 set (one)) to serve this function. The OC3B pin is also the output pin for the PWM
mode timer function.
• AIN1/TXD1 – Port B, Bit 3
AIN1, Analog Comparator Negative input. Configure the port pin as input with the inter-
nal pull-up switched off to avoid the digital port function from interfering with the function
of the Analog Comparator.
TXD1, Transmit Data (Data output pin for USART1). When the USART1 Transmitter is
enabled, this pin is configured as an output regardless of the value of DDB3.
• AIN0/RXD1 – Port B, Bit 2
AIN0, Analog Comparator Positive Input. Configure the port pin as input with the internal
pull-up switched off to avoid the digital port function from interfering with the function of
the Analog Comparator.
RXD1, Receive Data (Data input pin for USART1). When the USART1 Receiver is
enabled this pin is configured as an input regardless of the value of DDB2. When the
USART1 forces this pin to be an input, the pull-up can still be controlled by the PORTB2
bit.
• T1/OC2 – Port B, Bit 1
T1, Timer/Counter1 Counter Source.
OC2, Output Compare Match output: The PB1 pin can serve as an external output for
the Timer/Counter2 Compare Match. The PB1 pin has to be configured as an output
(DDB1 set (one)) to serve this function. The OC2 pin is also the output pin for the PWM
mode timer function.
• T0/OC0 – Port B, Bit 0
T0, Timer/Counter0 counter source.
OC0, Output Compare Match output: The PB0 pin can serve as an external output for
the Timer/Counter0 Compare Match. The PB0 pin has to be configured as an output
(DDB0 set (one)) to serve this function. The OC0 pin is also the output pin for the PWM
mode timer function.
clk
I/O, Divided System Clock: The divided system clock can be output on the PB0 pin.
The divided system clock will be output if the CKOUT Fuse is programmed, regardless
of the PORTB0 and DDB0 settings. It will also be output during reset.
Table 33 and Table 34 relate the alternate functions of Port B to the overriding signals
shown in Figure 32 on page 69. SPI MSTR INPUT and SPI SLAVE OUTPUT constitute
the MISO signal, while MOSI is divided into SPI MSTR OUTPUT and SPI SLAVE
INPUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com