Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA162 Datasheet(PDF) 79 Page - ATMEL Corporation

Part # ATMEGA162
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  325 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA162 Datasheet(HTML) 79 Page - ATMEL Corporation

Back Button ATMEGA162 Datasheet HTML 75Page - ATMEL Corporation ATMEGA162 Datasheet HTML 76Page - ATMEL Corporation ATMEGA162 Datasheet HTML 77Page - ATMEL Corporation ATMEGA162 Datasheet HTML 78Page - ATMEL Corporation ATMEGA162 Datasheet HTML 79Page - ATMEL Corporation ATMEGA162 Datasheet HTML 80Page - ATMEL Corporation ATMEGA162 Datasheet HTML 81Page - ATMEL Corporation ATMEGA162 Datasheet HTML 82Page - ATMEL Corporation ATMEGA162 Datasheet HTML 83Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 325 page
background image
79
ATmega162/V
2513I–AVR–02/07
Alternate Functions of Port D
The Port D pins with alternate functions are shown in Table 38.
The alternate pin configuration is as follows:
•RD – Port D, Bit 7
RD is the external data memory read control strobe.
•WR – Port D, Bit 6
WR is the external data memory write control strobe.
• TOSC2/OC1A – Port D, Bit 5
TOSC2, Timer Oscillator pin 2: When the AS2 bit in ASSR is set (one) to enable asyn-
chronous clocking of Timer/Counter2, pin PD5 is disconnected from the port, and
becomes the inverting output of the Oscillator amplifier. In this mode, a crystal Oscillator
is connected to this pin, and the pin can not be used as an I/O pin.
OC1A, Output Compare Match A output: The PD5 pin can serve as an external output
for the Timer/Counter1 Output Compare A. The pin has to be configured as an output
(DDD5 set (one)) to serve this function. The OC1A pin is also the output pin for the
PWM mode timer function.
Table 38. Port D Pins Alternate Functions
Port Pin
Alternate Function
PD7
RD (Read strobe to external memory)
PD6
WR (Write strobe to external memory)
PD5
TOSC2 (Timer Oscillator Pin 2)
OC1A (Timer/Counter1 Output Compare A Match Output)
PD4
TOSC1 (Timer Oscillator Pin 1)
XCK0 (USART0 External Clock Input/Output)
OC3A (Timer/Counter3 Output Compare A Match Output)
PD3
INT1 (External Interrupt 1 Input)
ICP3 (Timer/Counter3 Input Capture Pin)
PD2
INT0 (External Interrupt 0 Input)
XCK1 (USART1 External Clock Input/Output)
PD1
TXD0 (USART0 Output Pin)
PD0
RXD0 (USART0 Input Pin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com