Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA162 Datasheet(PDF) 81 Page - ATMEL Corporation

Part # ATMEGA162
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  325 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA162 Datasheet(HTML) 81 Page - ATMEL Corporation

Back Button ATMEGA162 Datasheet HTML 77Page - ATMEL Corporation ATMEGA162 Datasheet HTML 78Page - ATMEL Corporation ATMEGA162 Datasheet HTML 79Page - ATMEL Corporation ATMEGA162 Datasheet HTML 80Page - ATMEL Corporation ATMEGA162 Datasheet HTML 81Page - ATMEL Corporation ATMEGA162 Datasheet HTML 82Page - ATMEL Corporation ATMEGA162 Datasheet HTML 83Page - ATMEL Corporation ATMEGA162 Datasheet HTML 84Page - ATMEL Corporation ATMEGA162 Datasheet HTML 85Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 325 page
background image
81
ATmega162/V
2513I–AVR–02/07
• RXD0 – Port D, Bit 0
RXD0, Receive Data (Data input pin for USART0). When the USART0 Receiver is
enabled this pin is configured as an input regardless of the value of DDD0. When
USART0 forces this pin to be an input, the pull-up can still be controlled by the PORTD0
bit.
Table 39 and Table 40 relate the alternate functions of Port D to the overriding signals
shown in Figure 32 on page 69.
Table 39. Overriding Signals for Alternate Functions PD7..PD4
Signal Name
PD7/RD
PD6/WR
PD5/TOSC2/OC1A
PD4/TOSC1/XCK0/OC3A
PUOE
SRE
SRE
AS2
AS2
PUOV
0
0
0
0
DDOE
SRE
SRE
AS2
AS2
DDOV
1
1
0
0
PVOE
SRE
SRE
OC1A ENABLE
XCK0 OUTPUT ENABLE |
OC3A ENABLE
PVOV
RD
WR
OC1A
if
(XCK0 OUTPUT
ENABLE) then
XCK0 OUTPUT
else
OC3A
DIEOE
0
0
AS2
AS2
DIEOV
0
0
0
0
DI
–
–
–
XCK0 INPUT
AIO
–
–
T/C2 OSC OUTPUT
T/C2 OSC INPUT
Table 40. Overriding Signals for Alternate Functions in PD3..PD0
Signal Name
PD3/INT1
PD2/INT0/XCK1
PD1/TXD0
PD0/RXD0
PUOE
0
0
TXEN0
RXEN0
PUOV
0
0
0
PORTD0 • PUD
DDOE
0
0
TXEN0
RXEN0
DDOV
0
0
1
0
PVOE
0
XCK1 OUTPUT ENABLE
TXEN0
0
PVOV
0
XCK1
TXD0
0
DIEOE
INT1 ENABLE
INT0 ENABLE
0
0
DIEOV
1
1
0
0
DI
INT1 INPUT/
ICP1 INPUT
INT0 INPUT/XCK1 INPUT
–
RXD0
AIO
–
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com