Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA162 Datasheet(PDF) 80 Page - ATMEL Corporation

Part # ATMEGA162
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  325 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA162 Datasheet(HTML) 80 Page - ATMEL Corporation

Back Button ATMEGA162 Datasheet HTML 76Page - ATMEL Corporation ATMEGA162 Datasheet HTML 77Page - ATMEL Corporation ATMEGA162 Datasheet HTML 78Page - ATMEL Corporation ATMEGA162 Datasheet HTML 79Page - ATMEL Corporation ATMEGA162 Datasheet HTML 80Page - ATMEL Corporation ATMEGA162 Datasheet HTML 81Page - ATMEL Corporation ATMEGA162 Datasheet HTML 82Page - ATMEL Corporation ATMEGA162 Datasheet HTML 83Page - ATMEL Corporation ATMEGA162 Datasheet HTML 84Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 325 page
background image
80
ATmega162/V
2513I–AVR–02/07
• TOSC1/XCK0/OC3A – Port D, Bit 4
TOSC1, Timer Oscillator pin 1: When the AS2 bit in ASSR is set (one) to enable asyn-
chronous clocking of Timer/Counter2, pin PD4 is disconnected from the port, and
becomes the input of the inverting Oscillator Amplifier. In this mode, a crystal Oscillator
is connected to this pin, and the pin can not be used as an I/O pin.
XCK0, USART0 External Clock: The Data Direction Register (DDD4) controls whether
the clock is output (DDD4 set (one)) or input (DDD4 cleared (zero)). The XCK0 pin is
active only when USART0 operates in Synchronous mode.
OC3A, Output Compare Match A output: The PD4 pin can serve as an external output
for the Timer/Counter1 Output Compare A. The pin has to be configured as an output
(DDD4 set (one)) to serve this function. The OC4A pin is also the output pin for the
PWM mode timer function.
• INT1/ICP3 – Port D, Bit 3
INT1, External Interrupt Source 1: The PD3 pin can serve as an external interrupt
source.
ICP3, Input Capture Pin: The PD3 pin can act as an Input Capture pin for
Timer/Counter3.
• INT0/XCK1 – Port D, Bit 2
INT0, External Interrupt Source 0: The PD2 pin can serve as an external interrupt
source.
XCK1, USART1 External Clock: The Data Direction Register (DDD2) controls whether
the clock is output (DDD2 set (one)) or input (DDD2 cleared (zero)). The XCK1 pin is
active only when USART1 operates in Synchronous mode.
• TXD0 – Port D, Bit 1
TXD0, Transmit Data (Data output pin for USART0). When the USART0 Transmitter is
enabled, this pin is configured as an output regardless of the value of DDD1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com