Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA162 Datasheet(PDF) 60 Page - ATMEL Corporation

Part # ATMEGA162
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  325 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA162 Datasheet(HTML) 60 Page - ATMEL Corporation

Back Button ATMEGA162 Datasheet HTML 56Page - ATMEL Corporation ATMEGA162 Datasheet HTML 57Page - ATMEL Corporation ATMEGA162 Datasheet HTML 58Page - ATMEL Corporation ATMEGA162 Datasheet HTML 59Page - ATMEL Corporation ATMEGA162 Datasheet HTML 60Page - ATMEL Corporation ATMEGA162 Datasheet HTML 61Page - ATMEL Corporation ATMEGA162 Datasheet HTML 62Page - ATMEL Corporation ATMEGA162 Datasheet HTML 63Page - ATMEL Corporation ATMEGA162 Datasheet HTML 64Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 325 page
background image
60
ATmega162/V
2513I–AVR–02/07
Table 26 shows Reset and Interrupt Vectors placement for the various combinations of
BOOTRST and IVSEL settings. If the program never enables an interrupt source, the
Interrupt Vectors are not used, and regular program code can be placed at these loca-
tions. This is also the case if the Reset Vector is in the Application section while the
Interrupt Vectors are in the Boot section or vice versa.
Note:
1. The Boot Reset Address is shown in Table 94 on page 231. For the BOOTRST Fuse
“1” means unprogrammed while “0” means programmed.
The most typical and general program setup for the Reset and Interrupt Vector
Addresses in ATmega162 is:
Address
Labels
Code
Comments
0x000
jmp
RESET
; Reset Handler
0x002
jmp
EXT_INT0
; IRQ0 Handler
0x004
jmp
EXT_INT1
; IRQ1 Handler
0x006
jmp
EXT_INT2
; IRQ2 Handler
0x008
jmp
PCINT0
; PCINT0 Handler
0x00A
jmp
PCINT1
; PCINT1 Handler
0x00C
jmp
TIM3_CAPT
; Timer3 Capture Handler
0x00E
jmp
TIM3_COMPA
; Timer3 CompareA Handler
0x010
jmp
TIM3_COMPB
; Timer3 CompareB Handler
0x012
jmp
TIM3_OVF
; Timer3 Overflow Handler
0x014
jmp
TIM2_COMP
; Timer2 Compare Handler
0x016
jmp
TIM2_OVF
; Timer2 Overflow Handler
0x018
jmp
TIM1_CAPT
; Timer1 Capture Handler
0x01A
jmp
TIM1_COMPA
; Timer1 CompareA Handler
0x01C
jmp
TIM1_COMPB
; Timer1 CompareB Handler
0x01E
jmp
TIM1_OVF
; Timer1 Overflow Handler
0x020
jmp
TIM0_COMP
; Timer0 Compare Handler
0x022
jmp
TIM0_OVF
; Timer0 Overflow Handler
0x024
jmp
SPI_STC
; SPI Transfer Complete Handler
0x026
jmp
USART0_RXC
; USART0 RX Complete Handler
0x028
jmp
USART1_RXC
; USART1 RX Complete Handler
0x02A
jmp
USART0_UDRE
; UDR0 Empty Handler
0x02C
jmp
USART1_UDRE
; UDR1 Empty Handler
0x02E
jmp
USART0_TXC
; USART0 TX Complete Handler
0x030
jmp
USART1_TXC
; USART1 TX Complete Handler
0x032
jmp
EE_RDY
; EEPROM Ready Handler
0x034
jmp
ANA_COMP
; Analog Comparator Handler
0x036
jmp
SPM_RDY
; Store Program Memory Ready Handler
;
0x038 RESET:
ldi
r16,high(RAMEND) ; Main program start
0x039
out
SPH,r16
; Set Stack Pointer to top of RAM
Table 26. Reset and Interrupt Vectors Placement
(1)
BOOTRST
IVSEL
Reset address
Interrupt Vectors Start Address
1
0
0x0000
0x0002
1
1
0x0000
Boot Reset Address + 0x0002
0
0
Boot Reset Address
0x0002
0
1
Boot Reset Address
Boot Reset Address + 0x0002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com