Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA162 Datasheet(PDF) 38 Page - ATMEL Corporation

Part # ATMEGA162
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  325 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA162 Datasheet(HTML) 38 Page - ATMEL Corporation

Back Button ATMEGA162 Datasheet HTML 34Page - ATMEL Corporation ATMEGA162 Datasheet HTML 35Page - ATMEL Corporation ATMEGA162 Datasheet HTML 36Page - ATMEL Corporation ATMEGA162 Datasheet HTML 37Page - ATMEL Corporation ATMEGA162 Datasheet HTML 38Page - ATMEL Corporation ATMEGA162 Datasheet HTML 39Page - ATMEL Corporation ATMEGA162 Datasheet HTML 40Page - ATMEL Corporation ATMEGA162 Datasheet HTML 41Page - ATMEL Corporation ATMEGA162 Datasheet HTML 42Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 325 page
background image
38
ATmega162/V
2513I–AVR–02/07
Notes:
1. These options should only be used when not operating close to the maximum fre-
quency of the device, and only if frequency stability at start-up is not important for the
application. These options are not suitable for crystals.
2. These options are intended for use with ceramic resonators and will ensure fre-
quency stability at start-up. They can also be used with crystals when not operating
close to the maximum frequency of the device, and if frequency stability at start-up is
not important for the application.
Low-frequency Crystal
Oscillator
To use a 32.768 kHz watch crystal as the clock source for the device, the Low-fre-
quency Crystal Oscillator must be selected by setting the CKSEL Fuses to “0100”,
“0101”, “0110” or “0111”. The crystal should be connected as shown in Figure 19. If
CKSEL equals “0110” or “0111”, the internal capacitors on XTAL1 and XTAL2 are
enabled, thereby removing the need for external capacitors. The internal capacitors
have a nominal value of 10 pF.
When this Oscillator is selected, start-up times are determined by the SUT Fuses (real
time-out from Reset) and CKSEL0 (number of clock cycles) as shown in Table 9 and
Table 10.
Note:
1. These options should only be used if frequency stability at start-up is not important
for the application.
Calibrated Internal RC
Oscillator
The calibrated internal RC Oscillator provides a fixed 8.0 MHz clock. The frequency is
nominal value at 3V and 25
°C. If 8.0 MHz frequency exceed the specification of the
device (depends on V
CC), the CKDIV8 Fuse must be programmed in order to divide the
internal frequency by 8 during start-up. See “System Clock Prescaler” on page 41 for
more details. This clock may be selected as the system clock by programming the
CKSEL Fuses as shown in Table 11. If selected, it will operate with no external compo-
nents. During Reset, hardware loads the calibration byte into the OSCCAL Register and
thereby automatically calibrates the RC Oscillator. At 3V and 25
°C, this calibration gives
a frequency within ±10% of the nominal frequency. Using calibration methods as
described in application notes available at www.atmel.com/avr it is possible to achieve
±2% accuracy at any given V
CC and Temperature. When this Oscillator is used as the
chip clock, the Watchdog Oscillator will still be used for the Watchdog Timer and for the
Table 9. Start-up Delay from Reset when Low-frequency Crystal Oscillator is Selected
SUT1:0
Additional Delay from Reset (V
CC = 5.0V)
Recommended Usage
00
0 ms
Fast rising power or BOD enabled
01
4.1 ms
Fast rising power or BOD enabled
10
65 ms
Slowly rising power
11
Reserved
Table 10. Start-up Times for the Low-frequency Crystal Oscillator Clock Selection
CKSEL1:0
Internal Capacitors
Enabled?
Start-up Time from
Power-down and
Power-save
Recommended Usage
00(1)
No
1K CK
01
No
32K CK
Stable Frequency at start-up
10(1)
Yes
1K CK
11
Yes
32K CK
Stable Frequency at start-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com