Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA162 Datasheet(PDF) 76 Page - ATMEL Corporation

Part # ATMEGA162
Description  8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  325 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA162 Datasheet(HTML) 76 Page - ATMEL Corporation

Back Button ATMEGA162 Datasheet HTML 72Page - ATMEL Corporation ATMEGA162 Datasheet HTML 73Page - ATMEL Corporation ATMEGA162 Datasheet HTML 74Page - ATMEL Corporation ATMEGA162 Datasheet HTML 75Page - ATMEL Corporation ATMEGA162 Datasheet HTML 76Page - ATMEL Corporation ATMEGA162 Datasheet HTML 77Page - ATMEL Corporation ATMEGA162 Datasheet HTML 78Page - ATMEL Corporation ATMEGA162 Datasheet HTML 79Page - ATMEL Corporation ATMEGA162 Datasheet HTML 80Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 325 page
background image
76
ATmega162/V
2513I–AVR–02/07
Alternate Functions of Port C
The Port C pins with alternate functions are shown in Table 35. If the JTAG interface is
enabled, the pull-up resistors on pins PC7(TDI), PC5(TMS) and PC4(TCK) will be acti-
vated even if a reset occurs.
• A15/TDI/PCINT15 – Port C, Bit 7
A15, External memory interface address bit 15.
TDI, JTAG Test Data In: Serial input data to be shifted into the Instruction Register or
Data Register (scan chains). When the JTAG interface is enabled, this pin can not be
used as an I/O pin.
PCINT15: The pin can also serve as a pin change interrupt.
• A14/TDO/PCINT14 – Port C, Bit 6
A14, External memory interface address bit 14.
TDO, JTAG Test Data Out: Serial output data from Instruction Register or Data Regis-
ter. When the JTAG interface is enabled, this pin can not be used as an I/O pin. In TAP
states that shift out data, the TD0 pin drives actively. In other states the pin is pulled
high.
PCINT14: The pin can also serve as a pin change interrupt.
Table 35. Port C Pins Alternate Functions
Port Pin
Alternate Function
PC7
A15 (External memory interface address bit 15)
TDI (JTAG Test Data Input)
PCINT15 (Pin Change INTerrupt 15)
PC6
A14 (External memory interface address bit 14)
TDO (JTAG Test Data Output)
PCINT14 (Pin Change INTerrupt 14)
PC5
A13 (External memory interface address bit 13)
TMS (JTAG Test Mode Select)
PCINT13 (Pin Change INTerrupt 13)
PC4
A12 (External memory interface address bit 12)
TCK (JTAG Test Clock)
PCINT12 (Pin Change INTerrupt 12)
PC3
A11 (External memory interface address bit 11)
PCINT11 (Pin Change INTerrupt 11)
PC2
A10 (External memory interface address bit 10)
PCINT10 (Pin Change INTerrupt 10)
PC1
A9 (External memory interface address bit 9)
PCINT9 (Pin Change INTerrupt 9)
PC0
A8 (External memory interface address bit 8)
PCINT8 (Pin Change INTerrupt 8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com