Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA48 Datasheet(PDF) 300 Page - ATMEL Corporation

Part # ATMEGA48
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA48 Datasheet(HTML) 300 Page - ATMEL Corporation

Back Button ATMEGA48 Datasheet HTML 296Page - ATMEL Corporation ATMEGA48 Datasheet HTML 297Page - ATMEL Corporation ATMEGA48 Datasheet HTML 298Page - ATMEL Corporation ATMEGA48 Datasheet HTML 299Page - ATMEL Corporation ATMEGA48 Datasheet HTML 300Page - ATMEL Corporation ATMEGA48 Datasheet HTML 301Page - ATMEL Corporation ATMEGA48 Datasheet HTML 302Page - ATMEL Corporation ATMEGA48 Datasheet HTML 303Page - ATMEL Corporation ATMEGA48 Datasheet HTML 304Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 300 / 374 page
background image
300
2545J–AVR–12/06
ATmega48/88/168
6.
Any memory location can be verified by using the Read instruction which returns the con-
tent at the selected address at serial output MISO.
7.
At the end of the programming session, RESET can be set high to commence normal
operation.
8.
Power-off sequence (if needed):
Set RESET to “1”.
Turn V
CC power off.
26.8.3
Serial Programming Instruction set
Table 26-17 on page 300 and Figure 26-8 on page 301 describes the Instruction set.
Table 26-16. Typical Wait Delay Before Writing the Next Flash or EEPROM Location
Symbol
Minimum Wait Delay
tWD_FLASH
4.5 ms
t
WD_EEPROM
3.6 ms
tWD_ERASE
9.0 ms
Table 26-17. Serial Programming Instruction Set (Hexadecimal values)
Instruction/Operation
Instruction Format
Byte 1
Byte 2
Byte 3
Byte4
Programming Enable
$AC
$53
$00
$00
Chip Erase (Program Memory/EEPROM)
$AC
$80
$00
$00
Poll RDY/BSY
$F0
$00
$00
data byte out
Load Instructions
Load Extended Address byte(1)
$4D
$00
Extended adr
$00
Load Program Memory Page, High byte
$48
$00
adr LSB
high data byte in
Load Program Memory Page, Low byte
$40
$00
adr LSB
low data byte in
Load EEPROM Memory Page (page access)
$C1
$00
0000 000aa
data byte in
Read Instructions
Read Program Memory, High byte
$28
adr MSB
adr LSB
high data byte out
Read Program Memory, Low byte
$20
adr MSB
adr LSB
low data byte out
Read EEPROM Memory
$A0
0000 00aa
aaaa aaaa
data byte out
Read Lock bits
$58
$00
$00
data byte out
Read Signature Byte
$30
$00
0000 000aa
data byte out
Read Fuse bits
$50
$00
$00
data byte out
Read Fuse High bits
$58
$08
$00
data byte out
Read Extended Fuse Bits
$50
$08
$00
data byte out
Read Calibration Byte
$38
$00
$00
data byte out
Write Instructions(6)
Write Program Memory Page
$4C
adr MSB
adr LSB
$00
Write EEPROM Memory
$C0
0000 00aa
aaaa aaaa
data byte in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com