Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA48 Datasheet(PDF) 304 Page - ATMEL Corporation

Part # ATMEGA48
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA48 Datasheet(HTML) 304 Page - ATMEL Corporation

Back Button ATMEGA48 Datasheet HTML 300Page - ATMEL Corporation ATMEGA48 Datasheet HTML 301Page - ATMEL Corporation ATMEGA48 Datasheet HTML 302Page - ATMEL Corporation ATMEGA48 Datasheet HTML 303Page - ATMEL Corporation ATMEGA48 Datasheet HTML 304Page - ATMEL Corporation ATMEGA48 Datasheet HTML 305Page - ATMEL Corporation ATMEGA48 Datasheet HTML 306Page - ATMEL Corporation ATMEGA48 Datasheet HTML 307Page - ATMEL Corporation ATMEGA48 Datasheet HTML 308Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 304 / 374 page
background image
304
2545J–AVR–12/06
ATmega48/88/168
Notes:
1. “Max” means the highest value where the pin is guaranteed to be read as low
2. “Min” means the lowest value where the pin is guaranteed to be read as high
3. Although each I/O port can sink more than the test conditions (20 mA at VCC = 5V, 10 mA at VCC = 3V) under steady state
conditions (non-transient), the following must be observed:
ATmega48/88/168:
1] The sum of all IOL, for ports C0 - C5, ADC7, ADC6 should not exceed 100 mA.
2] The sum of all I
OL, for ports B0 - B5, D5 - D7, XTAL1, XTAL2 should not exceed 100 mA.
3] The sum of all I
OL, for ports D0 - D4, RESET should not exceed 100 mA.
If IOL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater
than the listed test condition.
4. Although each I/O port can source more than the test conditions (20 mA at V
CC = 5V, 10 mA at VCC = 3V) under steady state
conditions (non-transient), the following must be observed:
ATmega48/88/168:
1] The sum of all IOH, for ports C0 - C5, D0- D4, ADC7, RESET should not exceed 150 mA.
2] The sum of all IOH, for ports B0 - B5, D5 - D7, ADC6, XTAL1, XTAL2 should not exceed 150 mA.
If II
OH exceeds the test condition, VOH may exceed the related specification. Pins are not guaranteed to source current
greater than the listed test condition.
5. All DC Characteristics contained in this datasheet are based on simulation and characterization of other AVR microcontrol-
lers manufactured in the same process technology. These values are preliminary values representing design targets, and
will be updated after characterization of actual silicon
IIL
Input Leakage
Current I/O Pin
V
CC = 5.5V, pin low
(absolute value)
1µA
IIH
Input Leakage
Current I/O Pin
VCC = 5.5V, pin high
(absolute value)
1µA
RRST
Reset Pull-up Resistor
30
60
k
Ω
RPU
I/O Pin Pull-up Resistor
20
50
k
Ω
ICC
Power Supply Current(6)
Active 1MHz, VCC = 2V
(ATmega48/88/168V)
0.55
mA
Active 4MHz, VCC = 3V
(ATmega48/88/168L)
3.5
mA
Active 8MHz, VCC = 5V
(ATmega48/88/168)
12
mA
Idle 1MHz, VCC = 2V
(ATmega48/88/168V)
0.25
0.5
mA
Idle 4MHz, VCC = 3V
(ATmega48/88/168L)
1.5
mA
Idle 8MHz, VCC = 5V
(ATmega48/88/168)
5.5
mA
Power-down mode
WDT enabled, VCC = 3V
<8
15
µA
WDT disabled, VCC = 3V
<1
2
µA
VACIO
Analog Comparator
Input Offset Voltage
VCC = 5V
Vin = VCC/2
<10
40
mV
IACLK
Analog Comparator
Input Leakage Current
VCC = 5V
Vin = VCC/2
-50
50
nA
tACID
Analog Comparator
Propagation Delay
VCC = 2.7V
VCC = 4.0V
750
500
ns
T
A = -40°C to 85°C, VCC = 1.8V to 5.5V (unless otherwise noted) (Continued)
Symbol
Parameter
Condition
Min.(5)
Typ.
Max.(5)
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com