Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA48 Datasheet(PDF) 306 Page - ATMEL Corporation

Part # ATMEGA48
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA48 Datasheet(HTML) 306 Page - ATMEL Corporation

Back Button ATMEGA48 Datasheet HTML 302Page - ATMEL Corporation ATMEGA48 Datasheet HTML 303Page - ATMEL Corporation ATMEGA48 Datasheet HTML 304Page - ATMEL Corporation ATMEGA48 Datasheet HTML 305Page - ATMEL Corporation ATMEGA48 Datasheet HTML 306Page - ATMEL Corporation ATMEGA48 Datasheet HTML 307Page - ATMEL Corporation ATMEGA48 Datasheet HTML 308Page - ATMEL Corporation ATMEGA48 Datasheet HTML 309Page - ATMEL Corporation ATMEGA48 Datasheet HTML 310Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 374 page
background image
306
2545J–AVR–12/06
ATmega48/88/168
27.4
Clock Characteristics
27.4.1
Calibrated Internal RC Oscillator Accuracy
Notes:
1. Voltage range for ATmega48V/88V/168V.
2. Voltage range for ATmega48/88/168.
27.4.2
External Clock Drive Waveforms
Figure 27-3. External Clock Drive Waveforms
27.4.3
External Clock Drive
Note:
All DC Characteristics contained in this datasheet are based on simulation and characterization of
other AVR microcontrollers manufactured in the same process technology. These values are pre-
liminary values representing design targets, and will be updated after characterization of actual
silicon.
Table 27-1.
Calibration Accuracy of Internal RC Oscillator
Frequency
VCC
Temperature
Calibration Accuracy
Factory
Calibration
8.0 MHz
3V
25
°C±10%
User
Calibration
7.3 - 8.1 MHz
1.8V - 5.5V(1)
2.7V - 5.5V(2)
-40
°C - 85°C±1%
VIL1
VIH1
Table 27-2.
External Clock Drive
Symbol
Parameter
VCC=1.8-5.5V
VCC=2.7-5.5V
VCC=4.5-5.5V
Units
Min.
Max.
Min.
Max.
Min.
Max.
1/tCLCL
Oscillator
Frequency
04
0
10
0
20
MHz
tCLCL
Clock Period
250
100
50
ns
tCHCX
High Time
100
40
20
ns
tCLCX
Low Time
100
40
20
ns
tCLCH
Rise Time
2.0
1.6
0.5
μs
tCHCL
Fall Time
2.0
1.6
0.5
μs
Δt
CLCL
Change in period
from one clock
cycle to the next
22
2
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com