Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA48 Datasheet(PDF) 307 Page - ATMEL Corporation

Part # ATMEGA48
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA48 Datasheet(HTML) 307 Page - ATMEL Corporation

Back Button ATMEGA48 Datasheet HTML 303Page - ATMEL Corporation ATMEGA48 Datasheet HTML 304Page - ATMEL Corporation ATMEGA48 Datasheet HTML 305Page - ATMEL Corporation ATMEGA48 Datasheet HTML 306Page - ATMEL Corporation ATMEGA48 Datasheet HTML 307Page - ATMEL Corporation ATMEGA48 Datasheet HTML 308Page - ATMEL Corporation ATMEGA48 Datasheet HTML 309Page - ATMEL Corporation ATMEGA48 Datasheet HTML 310Page - ATMEL Corporation ATMEGA48 Datasheet HTML 311Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 374 page
background image
307
2545J–AVR–12/06
ATmega48/88/168
27.5
System and Reset Characteristics
Notes:
1. Values are guidelines only. Actual values are TBD.
2. The Power-on Reset will not work unless the supply voltage has been below VPOT (falling)
Notes:
1. V
BOT may be below nominal minimum operating voltage for some devices. For devices where this is the case, the device is
tested down to V
CC = VBOT during the production test. This guarantees that a Brown-Out Reset will occur before VCC drops to
a voltage where correct operation of the microcontroller is no longer guaranteed. The test is performed using
BODLEVEL = 110 and BODLEVEL = 101 for ATmega48V/88V/168V, and BODLEVEL = 101 and BODLEVEL = 100 for
ATmega48/88/168.
Table 27-3.
Reset, Brown-out and Internal voltage Characteristics
Symbol
Parameter
Condition
Min
(1)
Typ
(1)
Max
(1)
Units
VPOT
Power-on Reset Threshold Voltage (rising)
0.7
1.0
1.4
V
Power-on Reset Threshold Voltage (falling)(2)
0.6
0.9
1.3
V
VRST
RESET Pin Threshold Voltage
0.2 V
CC
0.9 V
CC
V
tRST
Minimum pulse width on RESET Pin
2.5
µs
VHYST
Brown-out Detector Hysteresis
50
mV
t
BOD
Min Pulse Width on Brown-out Reset
2
µs
VBG
Bandgap reference voltage
VCC=2.7
TA=25°C
1.0
1.1
1.2
V
tBG
Bandgap reference start-up time
V
CC=2.7
TA=25°C
40
70
µs
IBG
Bandgap reference current consumption
VCC=2.7
T
A=25°C
10
µA
Table 27-4.
BODLEVEL Fuse Coding
(1)
BODLEVEL 2:0 Fuses
Min V
BOT
Typ V
BOT
Max V
BOT
Units
111
BOD Disabled
110
1.7
1.8
2.0
V
101
2.5
2.7
2.9
100
4.1
4.3
4.5
011
Reserved
010
001
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com